Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 62 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 62 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 58Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 59Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 60Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 61Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 62Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 63Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
V9-T1-62
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Enclosed Rotary Disconnects
Features
●
Padlockable in the OFF position (up to three padlocks) to meet
OSHA lockout requirements
●
Available in 16–80A ratings
●
600 Vac, three- and four-pole non-fusible device
●
Rated for making and breaking loads
●
Accepts auxiliary contacts; capability to signal PLC controllers
●
Ground lug connection provided
●
Possibility of adding one power pole and one auxiliary contact
●
NEMA Type 1, 3R, 12, 4, 4X
●
65kAIC rating when applied downstream from appropriate
fusing
Enclosed Rotary Disconnects
Provide users with the ability
to lock directly wired motor
loads in the OFF position to
comply with OSHA lockout/
tagout regulations. Also for
machine applications that
require compact, economical
disconnect switches.
Enclosed rotary disconnect
switches allow safe control
and safe disconnect of any
motor application.
Open rotary disconnects can
be found on Pages V9-T1-46
to V9-T1-61 and full
information in Volume 5,
Motor Control and Protection,
CA08100006E, Tab 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com