Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 18 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 18 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 14Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 15Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 16Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 17Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 18Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 19Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 20Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 21Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 22Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
V9-T1-18
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Terminals and Termination Accessory Devices
Universal G Frame
Universal F Frame
Universal J Frame
Universal K Frame
Universal L Frame
Terminals (Included with Breaker)
Optional Multiwire Lugs (Load End Only)
15–20 A
25–100A
Three-Hole Version
Six-Hole Version
14–2 AWG Cu/Al
10–1/0 AWG Cu/Al
(3) 14–2 AWG
Order 3TA100G3K
(6) 14–6 AWG
Order 3TA100G6K
2.5–4 mm2 Cu/Al
4–50 mm2 Cu/Al
Terminals (Included with Breaker)
Optional Multiwire Lugs (Load End Only)
10–20A
25–100A
110–225A
Three-Hole Version
Six-Hole Version
14–10 AWG Cu/Al
14–1/0 AWG Cu/Al
4–4/0 AWG Cu/Al
(3) 14–2 AWG
Order 3TA150F3K
(6) 14–6 AWG
Order 3TA150F6K
2.5–4 mm2 Cu/Al
2.5–50 mm2 Cu/Al
25–95 mm2 Cu/Al
Terminals (Included with Breaker)
Optional Multiwire Lugs (Load End Only)
70–250A
Three-Hole Version
Six-Hole Version
4–350 kcmil AWG Cu/Al
(3) 14–2 AWG
Order 3TA250J3K
(6) 14–6 AWG
Order 3TA250J6K
25–150 mm2 Cu/Al
Terminals (Included with Breaker)
Optional Multiwire Lugs (Load End Only)
300–350A
400A
Three-Hole Version
Six-Hole Version
250–500 kcmil AWG Cu/Al
3/0–200 (2) AWG Cu/Al
(3) 12–2/0 AWG
Order 3TA400K3K
(6) 14–2/0 AWG
Order 3TA400K6K
120–240 mm2 Cu/Al
95–120 mm2 Cu/Al
Terminals (Included with Breaker)
Optional Multiwire Lugs (Load End Only)
500A
600A
Three-Hole Version
Six-Hole Version
(2) 250–300 kcmil Cu/Al
(2) 400–500 kcmil Cu/Al
—
—
120–150 mm2 Cu/Al
185–250 mm2 Cu/Al
Terminal/Termination
Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com