Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 33 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 33 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 29Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 30Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 31Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 32Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 33Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 35Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 36Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 37Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-33
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Series NRX Low Voltage Power Breakers
Features
●
Rogowski coil does not saturate like iron core sensors, and
one sensor accommodates 200–1600A range. Never change
a sensor, and NO CTs are required
●
Tension clamp secondary terminals—10A continuous rating at
600V meets UL/CSA/RoHS and UL-94 V0. Mounted directly to
fixed breaker or drawout cassette they reduce wiring and
provide clean, organized wiring schemes
●
Breaker mounted communication modules for INCOM™,
Modbus® and PROFIBUS® mount directly to the cassette,
reducing the space and room required for communication
capability
●
With the patent pending simple design of the fold-up
cassette, all items in a cassette are replaceable without
removing the cassette from the cell
●
Plug-and-play accessories—no special tools needed.
Accessories come with plug and wires ready to install
Series NRX™ Low Voltage Power Breakers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com