Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 34 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 34 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 30Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 31Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 32Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 33Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 35Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 36Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 37Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 38Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
V9-T1-34
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Catalog Number Selection
Series NRX Power Breakers (Exclusionary Rules Apply)
Note
1 Contact Eaton for available voltages. Not all voltages are currently available.
Breaker Frame Size
N = Type NF, 630–1600A,
(70 mm pole spacing)
Standard, Mechanism, Device
S = UL 1066, stored energy,
power breaker
X = UL 489, stored energy,
insulated case breaker
E = IEC 60947-2, stored
energy, air breaker
Fault Current Rating
S4 = 42 kA at 480 Vac UL or 415 Vac IEC
S5 = 50 kA at 480 Vac UL or 415 Vac IEC
S6 = 65 kA at 480 Vac UL or 415 Vac IEC
Frame Rating (Amperes)
07 = 630 (IEC only)
08 = 800
10 = 1000 (IEC only)
12 = 1200 (UL only)
13 = 1250 (IEC only)
16 = 1600 (On NF: IEC only)
Poles, Phasing
3 = Three-pole, ABC
4 = Four-pole, NABC
Mounting Configuration
W = Drawout
B = Fixed mount rear connect, mounting bracket,
with secondary terminal row
R = Fixed mount rear connect, surface mount,
with secondary terminal row
T = Fixed mount front connect, surface mount,
cable connect, with secondary terminal row
F = Fixed mount front connect, mounting bracket,
bus connect, with secondary terminal row
S = Fixed mount front connect, surface mount,
bus connect, with secondary terminal row
Trip Unit
52 = 520 LSI, no ZSI
53 = 520 LSI, with ZSI
5G = 520 LSIG, no ZSI
5H = 520 LSIG, with ZSI
M2 = 520M LSI, no ZSI, 24 Vdc
M3 = 520M LSI, with ZSI, 24 Vdc
MA = 520M LSIA, no ZSI, 24 Vdc
MB = 520M LSIA, with ZSI, 24 Vdc
MG = 520M LSIG, no ZSI, 24 Vdc
MH = 520M LSIG, with ZSI, 24 Vdc
R2 = 520M LSI, no ZSI, 24 Vdc, with
Arcflash Reduction Maintenance System™
R3 = 520M LSI, with ZSI, 24 Vdc, with
Arcflash Reduction Maintenance System
RA = 520M LSIA, no ZSI, 24 Vdc, with
Arcflash Reduction Maintenance System
RB = 520M LSIA, with ZSI, 24 Vdc, with
Arcflash Reduction Maintenance System
RG = 520M LSIG, no ZSI, 24 Vdc, with
Arcflash Reduction Maintenance System
RH = 520M LSIG, with ZSI, 24 Vdc, with
Arcflash Reduction Maintenance System
SW = Non-auto switch
Rating Plug
(Amperes)
1 = 200
2 = 250
3 = 300
4 = 400
5 = 500
6 = 600
7 = 630
8 = 800
A = 1000
B = 1200
C = 1250
D = 1600
Shunt Trip 1
N = No shunt trip
A = 110–127 Vac/Vdc
R = 208–240 Vac/Vdc
L = 24 Vdc
H = 48 Vdc
Motor Operator 1
M = Manually operated
B = 110–125 Vac
W = 110–125 Vdc
T = 208–250 Vac
P = 220–250 Vdc
L = 24 Vdc
H = 48 Vdc
Spring Release,
Latch Check Switch 1
N = No spring release, no LCS
A = 110–127 Vac/Vdc, no LCS
R = 208–240 Vac/Vdc, no LCS
N S S6 08 3 W 52 8 A B A N 4 X N D X
UVR, Second Shunt Trip 1
N = None
A = 110–125 Vac/Vdc UVR
R = 220–250 Vac/Vdc UVR
1 = 110–127 Vac/Vdc second shunt trip
2 = 208–240 Vac/Vdc second shunt trip
Auxiliary, Switches,
Label Language 1
E = No auxiliary switches,
no label (parent)
2 = 2 Form C, English
4 = 4 Form C, English
Trip Indicator and Bell Alarm/OTS,
Secondary Terminal Blocks 1
N = No indicator, no OTS, secondary terminal blocks
per breaker options
X = Trip indicator provided, no OTS, secondary
terminal blocks per breaker options
Z = Trip indicator provided, 2 Form C OTS, secondary
terminal blocks per breaker options
M = Interlock trip indicator provided, no OTS,
secondary terminal blocks per breaker options
Y = Trip indicator provided, 2 Form C OTS, secondary
terminal blocks per breaker options
1 = No indicator, no OTS, full complement secondary
terminal blocks
2 = Trip indicator, no OTS, full complement secondary
terminal blocks
3 = Trip indicator provided, 2 Form C OTS, full
complement secondary terminal blocks
4 = Interlock trip indicator provided, no OTS, full
complement secondary terminal blocks
5 = Interlock trip indicator provided, 2 Form C, full
complement secondary terminal blocks
Future Use
X = All product
Drawout Breaker Shipping,
Fixed Breaker Terminals, Door Frame Kit
D = Drawout (or parent) breaker shipping alone,
without door frame kit
C = Drawout breaker in cassette, no shutters,
no terminals, with door frame kit
K = Fixed breaker, no adapters, rear connector,
with door frame kit, with mounting feet,
with door frame kit
A = Terminal adapters for rear connect,
short vertical/horizontal, with door frame kit
E = Terminal adapters for rear connect,
long vertical/horizontal, with door frame kit
F = Terminal adapters for rear connect,
with mounting feet, short vertical/horizontal,
with door frame kit
H = Terminal adapters for rear connect, with
mounting feet, long vertical/horizontal,
with door frame kit
1 = Drawout breaker in cassette, no shutters,
short vertical/horizontal, with door frame kit
2 = Drawout breaker in cassette, no shutters,
long vertical/horizontal, with door frame kit
4 = Drawout breaker in cassette, with shutters,
short vertical/horizontal, with door frame kit
5 = Drawout breaker in cassette, with shutters,
long vertical/horizontal, with door frame kit
9 = Drawout breaker in cassette, with shutters,
no terminals, with door frame kit
Padlock Provisions, Key Lock
Provisions, Operations Counter 1
N = No PB covers, none, no counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com