Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 11 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 11 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 7Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 8Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 9Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 10Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 11Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 12Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 13Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 14Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 15Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-11
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Accessories
Field Fit Kit Catalog Numbers
Multiwire Connectors Ordering Information (Package of 3)
High SCCR ratings are available for Power Distribution blocks
with Series G MCCBs. See Tab 6.
Terminal Shields
Interphase Barriers (Package of 2)
Flex Shaft Handle Mechanisms
Universal Direct Handle Mechanisms
Notes
1 Part number for JG and LG is ALM1M1BJPK.
2 Part number for JG and LG is ALM2M2BJPK.
3 Part number for JG and LG is AUXALRMJPK.
4 110–125 Vdc, 50/60 Hz.
5 380–600 Vdc, 50/60 Hz.
Description
Pole Location
Frame—
EG, JG and LG
Alarm Lockout
Make/break
Right
ALM1M1BEPK 1
2 make/2 break
Right
ALM2M2BEPK 2
Auxiliary Switch
1A, 1B
Right
AUX1A1BPK
2A, 2B
Right
AUX2A2BPK
Auxiliary Switch/Alarm Lockout
—Right
AUXALRMEPK 3
Shunt Trip—Standard
120 Vac
Left
SNT120CPK 4
240 Vac
Left
SNT120CPK 4
12 Vdc
Left
SNT012CPK
24 Vdc
Left
SNT060CPK
48 Vdc
Left
SNT060CPK
380–600 Vac
Left
SNT480CPK 5
Undervoltage Release Mechanism
110–127 Vac
Left
UVR120APK
208–240 Vac
Left
UVR240APK
24 Vac
Left
UVR024APK
24 Vdc
Left
UVR024DPK
48–60 Vdc
Left
UVR048DPK
12 Vac/Vdc
Left
UVR012CPK
48–60 Vac
Left
UVR048APK
120 Vdc
Left
UVR125DPK
220–250 Vdc
Left
UVR250DPK
380–500 Vac
Left
UVR480APK
525–600 Vac
Left
UVR600APK
Maximum
Amperes
Wires per
Terminal
Wire Size Range
AWG Cu
Frame
Kit
Catalog Number
125
3
14–2
EG
3TA125E3K
125
6
14–6
EG
3TA125E6K
250
3
14–2
JG
3TA250FJ3
250
6
14–6
JG
3TA250FJ6
Alarm Lockout
Auxiliary Switch
Shunt Trip
Undervoltage Release
Mechanism
Location
Number
of Poles
Frame
IP30 Protection
Catalog Number
Line
3
EG
EFTS3K
Line
4
EG
EFTS4K
Line or load
2, 3
JG
FJTS3K
Line or load
4
JG
FJTS4K
Number of Poles
Frame
Catalog Number
3 or 4
EG
EIPBK
3JG
FJIPBK
4JG
FJIPBK4
3 or 4
LG
IPB3
Flexible Shaft Length in ft (m)
Breaker Frame
4 (1.2)
Catalog Number
7 (2.1)
Catalog Number
EG
EHMFS04
EHMFS07
JG
JHMFS04
JHMFS07
LG
LHMFS04
LHMFS07
Frame
With Interlock
Catalog Number
Without Interlock
Catalog Number
Black Handle Color
EG
EHMCCBI
EHMCCB
JG
JHMCCBI
JHMCCB
LG
LHMCCBI
LHMCCB
Red Handle Color
EG
EHMCCRI
EHMCCR
JG
JHMCCRI
JHMCCR
LG
LHMCCRI
LHMCCR
Flex Shaft Handles
Universal Direct
Handle Mechanism



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com