Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 16 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 16 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 12Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 13Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 14Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 15Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 16Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 17Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 18Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 19Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 20Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
V9-T1-16
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Internal Accessories, continued
Auxiliary Switch (Right-Pole Mounted)
Bell Alarm (Right-Pole Mounted)
Shunt Trip (Left-Pole Mounted)
UVR (Left-Pole Mounted)
Add This Suffix to
Catalog Number
Configuration
Add This Suffix to
Catalog Number
Configuration
Add This Suffix to
Catalog Number
Voltage Range
Voltage Range
Add This Suffix to
Catalog Number
Universal K Frame
1NO/1NC
A06
1 make/1 break
B06
12–24 Vac/Vdc
S42
12 Vac
U06
2NO/2NC
A13
48–60 Vac/Vdc
S50
24 Vac
U10
If both an auxiliary switch and bell alarm are required, add CO5 to
the catalog number (right-pole mounted). Auxiliary switch and
bell alarm are 600V rated.
110–240 Vac or
110–125 Vdc
S10
48–60 Vac
U14
110–127 Vac
U18
380–440 Vac or
220–250 Vdc
S14
208–240 Vac
U22
380–480 Vac
U26
480–600 Vac
S18
12 Vdc
T02
24 Vdc
T06
48–60 Vdc
T10
110–125 Vdc
T14
220–250 Vdc
T18
Universal L Frame
1NO/1NC
A06
1 make/1 break
B06
12–24 Vac/Vdc
S02
12 Vac
U06
2NO/2NC
A13
48–60 Vdc
S06
24 Vac
U10
If both an auxiliary switch and bell alarm are required, add CO5 to
the catalog number (right-pole mounted). Auxiliary switch and
bell alarm are 600V rated.
48–60 Vac
S86
48–60 Vac
U14
110–240 Vac
S10
110–127 Vac
U18
110–125 Vdc
S42
208–240 Vac
U22
380–440 Vac or
220–250 Vdc
S14
380–480 Vac
U26
12 Vdc
T02
480–600 Vac
S18
24 Vdc
T06
48–60 Vdc
T10
110–125 Vdc
T14
220–250 Vdc
T18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com