Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 40 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 40 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 36Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 37Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 38Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 39Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 40Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 41Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 42Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 43Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 44Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
V9-T1-40
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Magnum IEC Low Voltage Air Circuit Breaker Cassettes
Continuous Amperes
20 = Up to 2000A
32 = 2500–3000A
40 = 4000A
63 = 5000–6300A
Arc Hood
A = Arc hood for 690 Vac
K = Arc hood for 1100 Vac
Future Use
N = All cassettes
Rear Terminals
H = Horizontal stabs (upper
and lower terminals)
Cassette Family
E = Standard or double frame IEC
(690 and 1100 Vac)
N = Narrow frame IEC
Poles
3 = Three-pole
4 = Four-pole
Cassette Wiring
N = Unwired
W = Cassette wired
Cassette Wiring
C = Cassette only
E N 20 3 H A N N N N N N N C
Future Use
N = All cassettes
Door Frame and Gasket Kit
X = Door frame and gasket kit
included
D = Door frame and gasket kit
not included
Future Use
N = All cassettes
Shutters
N = No shutters
S = Shutters installed
Future Use
N = All cassettes
Future Use
N = All cassettes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com