Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  EGC2015AFB Datasheet HTML 1Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 2Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 3Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 4Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 5Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 6Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 7Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 8Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Circuit Breaker Selection Guide, continued
For our complete product offering, see Volume 4—Circuit Protection, CA08100005E.
Description
FAZ-NA UL 489
Miniature Circuit Breakers
FAZ UL 1077
Miniature Circuit Breakers—
Supplementary Protectors
Page V9-T1-25
Page V9-T1-28
General Applications
Used to provide branch circuit protection in cable-
in/out DIN rail mount applications.
Used to provide overcurrent protection where
branch protection (for example UL 489 MCCB) is
already provided or not required. Replacement for
fuses used as supplementary protectors.
Technical Data
Maximum current rating
40A
63A
Maximum voltage—AC
480/277 Vac (240/415 Vac IEC)
480/277 Vac
Maximum voltage—DC
48 Vdc
65 Vac Single-pole
130 Vac Two-pole
Poles
1, 2, 3
1, 2, 3
Max. interrupting capacities
See individual catalogs for limitations
and back-up protection requirements.
10 kA UL/CSA;
15 kA IEC/EN 60947-2
IEC
240/415V 10 kA
UL/CSA
120V 10 kA
240V 10 kA
277V 6 kA
480V 6 kA
Approvals
UL 489
CE; IEC/EN 60947-2
CSA 22.2
UL 1077
CE; IEC/EN 60947-2; IEC/EN 60898
CSA 22.2 235
Environmental Data
Humidity
Acc. IEC 60068-2 (25° to 55°C/
77° to 131°F, 90–95% RH)
—
Shock
Acc. IEC 60068-2-27
(40g half sine wave for 10 ms—3 axes)
(15g half sine wave for 20 ms—3 axes)
—
Vibration
Acc. to IEC 60068-2-6
5–100 Hz/1.0 mm/0.7g (3 axes)
—
Operating temperature
30°C (86°F)
—
Dielectric strength
1960 Vac (acc. to UL 489)
—
Insulation resistance
100M ohms at 500 Vdc
—
Endurance/life
>20,000 operations
—
Approximate weight
Single-pole—0.27 lbs (121.0g)
Two-pole—0.53 lbs (242.0g)
Three-pole—0.80 lbs (363.0g)
Single-pole—0.26 lbs (120.0g)
Two-pole—0.54 lbs (244.9g)
Three-pole—0.83 lbs (376.5g)
Mounting contribution
35 mm DIN rail mountable
35 mm DIN rail mountable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com