Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGC2015AFB Datasheet(PDF) 32 Page - Eaton All Rights Reserved.

Part # EGC2015AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015AFB Datasheet(HTML) 32 Page - Eaton All Rights Reserved.

Back Button EGC2015AFB Datasheet HTML 28Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 29Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 30Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 31Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 32Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 33Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 35Page - Eaton All Rights Reserved. EGC2015AFB Datasheet HTML 36Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
V9-T1-32
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Accessories
FAZ-NA UL 489 Breakers
FAZ UL 1077 Auxiliary Contacts
FAZ UL 1077 Busbar System
Pin Type Incoming Supply Terminals
Pin Type Incoming Supply Terminals—Single-Phase Only
Protective Accessories
Bus Incoming Supply Terminals
Busbar End Cap
Notes
1 Voltage of FAZ-NA circuit breaker is limited to 300V with this auxiliary contact installed.
2 Do not cut commoning link.
3 A maximum of three commoning links may be used in conjunction. Each breaker connected to
the commoning link must have the same number of poles for proper use.
4 Not for use with ring-tongue circuit breakers.
5 Bus may be center fed for high current capacity.
Description
Catalog Number
Two-pole contact or auxiliary contact/trip indicating contact
Z-NHK 1
Auxiliary contact
Z-IHK-NA
Shunt trip 110–415 Vac
FAZ-XAA-NA110-415VAC
Shunt trip 12–110 Vac
FAZ-XAA-NA12-110VAC
Padlock hasp
IS/SPE-1TE
Busbar—single-pole, 6 terminals 2345
Z-SV/UL-16/1P-1TE/6
Busbar—single-pole, 12 terminals 2345
Z-SV/UL-16/1P-1TE/12
Busbar—single-pole, 18 terminals 2345
Z-SV/UL-16/1P-1TE/18
Busbar—two-pole, 6 terminals 2345
Z-SV/UL-16/2P-2TE/6
Busbar—two-pole, 12 terminals 2345
Z-SV/UL-16/2P-2TE/12
Busbar—two-pole, 18 terminals 2345
Z-SV/UL-16/2P-2TE/18
Busbar—three-pole, 6 terminals 2345
Z-SV/UL-16/3P-3TE/6
Busbar—three-pole, 12 terminals 2345
Z-SV/UL-16/3P-3TE/12
Busbar—three-pole, 18 terminals 2345
Z-SV/UL-16/3P-3TE/18
Three-pole busbar shroud
ZV-BS-UL
Extension terminal—35 mm2 (2–14 AWG)
Z-EK/35/UL
Bus connector—conductors up to 50 mm2 (~1/0 AWG)
Z-EB/50/UL
Description
Rated
Operational
Voltage
Catalog Number
Standard Auxiliary Contacts
1NO/1NC
Installs on left side of FAZ or shunt trip
Max. one per FAZ (1077) device
Switches when FAZ is tripped electrically
or manually
230 Vac
FAZ-XHIN11
1 changeover contact
Installs on left side of FAZ or shunt trip
Max. one per FAZ (1077) device
Switches when FAZ is tripped electrically
or manually
230 Vac
FAZ-XHINW1
Auxiliary/Trip Indicating Contact
Small selector screw changes mode
Two Form C (changeover) contacts
Installs on left side of FAZ or shunt trip
Auxiliary contacts switch when FAZ is tripped
electrically or manually
Trip indicating contact switches only when FAZ
is tripped electrically
230 Vac
FAZ-XAM002
Undervoltage Trip
Prevents FAZ from operating unless voltage
is present
Installs on left side of FAZ
Includes test button
115 Vac
FAZ-XUA(115VAC)
230 Vac
FAZ-XUA(230VAC)
400 Vac
FAZ-XUA(400VAC)
Shunt Trip
Allows remote trip of FAZ
Installs on left side of FAZ
12–110 Vac
12–60 Vdc
FAZ-XAA-C-12-110VAC
110–415 Vac
110–230 Vdc
FAZ-XAA-C-110-415VAC
Rated
Operational
Current
Number of
Poles per Device
Number of
Terminals
Catalog Number 5
Without Auxiliary Contacts
80A
1
57
BB-UL-18/1P-1M/57
256
BB-UL-18/2P-2M/56
357
BB-UL-18/3P-3M/57
100A
1
57
BB-UL-25/1P-1M/57
256
BB-UL-25/2P-2M/56
357
BB-UL-25/3P-3M/57
Auxiliary/Trip Indicating Contacts
80A
1
37
BB-UL-18/1P-1,5M/37
246
BB-UL-18/2P+AS-2,5M/46
348
BB-UL-18/3P+AS-3,5M/48
100A
1
37
BB-UL-25/1P-1,5M/37
246
BB-UL-25/2P+AS-2,5M/46
348
BB-UL-25/3P+AS-3,5M/48
Description
Catalog Number
Accommodates conductors from 6–35 mm2/#10–2 AWG
4–5.5 Nm/35–50 lb-in / Two- and three-pole
BB-UL-TEP/35
Description
Catalog Number
Accommodates conductors from 6–35 mm2/#10–2 AWG
4–5.5 Nm/35–50 lb-in
BB-UL-TEPA/35
Description
Catalog Number
For covering unused terminals
BB-IP/5
Prevents reactivation of the device during maintenance
Holds one padlock
IS/SPE-1TE
Description
Catalog Number
50 mm2
#14–1 AWG
75 Deg wire
115 A/Y, 480V UL
160 A/Y 690V IEC
BB-UL-TE/50
Description
Poles
Catalog Number
Install after cutting busbar
Protects end of busbar
2 and 3
BB-UL-EC/3
1
BB-UL-EC/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com