Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6015 Datasheet(PDF) 152 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6015
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6015 Datasheet(HTML) 152 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6015 Datasheet HTML 148Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 149Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 150Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 151Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 152Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 153Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 154Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 155Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 156Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page152 of 161
Rev1.9
000
1/2
8
001
1
4
010
2
2
011
4
1
100
8
1/2
101
16
1/8
110
32
1/32
111
64
1/128
注:推荐正常模式下,TMPPRD 打开频率都为最快。低功耗模式下, HT611X 建议 4s 或者 8s 打开一
次,HT601X 建议 8s 及以上打开一次。
VCCDAT
(电源电压测量输出寄存器)
基地址:
0x4000E000
偏移地址: 28H
Bit15…Bit0
Read:
DAT[15:0]
Write:
X
X
X
X
X
X
X
X
Reset:
0
0
0
0
0
0
0
0
位
功能描述
DAT[15:0]
电源电压测量输出寄存器,16 位有符号数
VCC 电压计算公式:
Vcc = 0.0896*VCCDAT+2942;
其中: Vcc为实际VCC电压(mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com