Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6015 Datasheet(PDF) 156 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6015
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6015 Datasheet(HTML) 156 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6015 Datasheet HTML 152Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 153Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 154Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 155Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 156Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 157Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 158Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 159Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 160Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page156 of 161
Rev1.9
PE6 之外的所有引脚
Vih
低电平输入电压
除了电源和地之外的所有引脚
0.2VC
C
V
Ioh
高电平输出电流
VCC=5V
I/O 口上电压 Vio 降
低到 0.9VCC
测试引脚为:
PA[6:8],PC.0
10
mA
测试引脚为:
PC[5:11],PD[4:7],PE[1]
5.5
mA
测试引脚为:
PA[0:5],PA[9:13],PB[0:15],PC[0:4],PC[12:
14],PD[0:3],PD[8:15],PE[0],PE[2:8]
9
mA
Iol
低电平输出电流
VCC=5V
I/O 口上电压 Vio 升
高到 0.1VCC
测试引脚为:
PA[6:8],PC.0
20
mA
测试引脚为:
PC[5:11],PD[4:7],PE[1]
10
测试引脚为:
PA[0:5],PA[9:13],PB[0:15],PC[0:4],PC[12:
14],PD[0:3],PD[8:15],PE[0],PE[2:8]
9
Ioh
高电平输出电流
VCC=5V
I/O 口上电压 Vio 降
低到 0.8VCC
测试引脚为:
PC[5:11],PD[4:7],PE[1]
10
mA
测试引脚为:
PA[0:5],PA[9:13],PB[0:15],PC[0:4],PC[12:
14],PD[0:3],PD[8:15],PE[0],PE[2:8]
14.5
Iol
低电平输出电流
I/O 口上电压 Vio 升
高到 0.2VCC
测试引脚为:
PC[5:11],PD[4:7],PE[1]
17.5
mA
测试引脚为:
PA[0:5],PA[9:13],PB[0:15],PC[0:4],PC[12:
14],PD[0:3],PD[8:15],PE[0],PE[2:8]
16.5
Ioh
高电平输出电流
VCC=5V
I/O 口上电压 Vio 降
低到 0.7VCC
测试引脚为:
PC[5:11],PD[4:7],PE[1]
9
mA
测试引脚为:
PA[0:5],PA[9:13],PB[0:15],PC[0:4],PC[12:
14],PD[0:3],PD[8:15],PE[0],PE[2:8]
13.5
Iol
低电平输出电流
I/O 口上电压 Vio 升
高到 0.3VCC
测试引脚为:
PC[5:11],PD[4:7],PE[1]
23
mA
测试引脚为:
PA[0:5],PA[9:13],PB[0:15],PC[0:4],PC[12:
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com