Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4600EVPBF Datasheet HTML 6Page - Linear Technology LTM4600EVPBF Datasheet HTML 7Page - Linear Technology LTM4600EVPBF Datasheet HTML 8Page - Linear Technology LTM4600EVPBF Datasheet HTML 9Page - Linear Technology LTM4600EVPBF Datasheet HTML 10Page - Linear Technology LTM4600EVPBF Datasheet HTML 11Page - Linear Technology LTM4600EVPBF Datasheet HTML 12Page - Linear Technology LTM4600EVPBF Datasheet HTML 13Page - Linear Technology LTM4600EVPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM4600
10
4600fa
APPLICATIO S I FOR ATIO
the module input pins in the PCB layout to minimize the
trace inductance and high frequency AC noise.
Output Capacitors
The LTM4600 is designed for low output voltage ripple.
The bulk output capacitors COUT is chosen with low enough
effective series resistance (ESR) to meet the output voltage
ripple and transient requirements. COUT can be low ESR
tantalum capacitor, low ESR polymer capacitor or ceramic
capacitor (X5R or X7R). The typical capacitance is 200µF
if all ceramic output capacitors are used. The internally
optimized loop compensation provides sufficient stability
margin for all ceramic capacitors applications. Additional
output filtering may be required by the system designer,
if further reduction of output ripple or dynamic transient
spike is required. Refer to Table 2 for an output capaci-
tance matrix for each output voltage Droop, peak to peak
deviation and recovery time during a 5A/µs transient with
a specific output capacitance.
Fault Conditions: Current Limit and Over current
Foldback
The LTM4600 has a current mode controller, which inher-
ently limits the cycle-by-cycle inductor current not only in
steady state operation, but also in transient.
To further limit current in the event of an over load condi-
tion, the LTM4600 provides foldback current limiting. If the
output voltage falls by more than 50%, then the maximum
output current is progressively lowered to about one sixth
of its full current limit value.
Soft-Start and Latchoff with the RUN/SS pin
The RUN/SS pin provides a means to shut down the
LTM4600 as well as a timer for soft-start and over-cur-
rent latchoff. Pulling the RUN/SS pin below 0.8V puts
the LTM4600 into a low quiescent current shutdown (IQ
≤ 75µA). Releasing the pin allows an internal 1.2µA cur-
rent source to charge up the timing capacitor CSS. Inside
LTM4600, there is an internal 1000pF capacitor from
RUN/SS pin to ground. If RUN/SS pin has an external
capacitor CSS_EXT to ground, the delay before starting
is about:
t
V
A
CpF
DELAY
SS EXT
=
µ
+
15
12
1000
.
.
•(
)
_
When the voltage on RUN/SS pin reaches 1.5V, the
LTM4600 internal switches are operating with a clamping
of the maximum output inductor current limited by the
RUN/SS pin total soft-start capacitance. As the RUN/SS pin
voltage rises to 3V, the soft-start clamping of the inductor
current is released.
VIN to VOUT Stepdown Ratios
There are restrictions in the maximum VIN to VOUT step
down ratio that can be achieved for a given input voltage.
These contraints are shown in the Typical Performance
Characteristics curves labeled “VIN to VOUT Stepdown
Ratio”. Note that additional thermal de-rating may apply.
See the Thermal Considerations and Output Current De-
Rating sections of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com