Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 4 Page - Linear Technology

  LTM4600EVPBF Datasheet HTML 1Page - Linear Technology LTM4600EVPBF Datasheet HTML 2Page - Linear Technology LTM4600EVPBF Datasheet HTML 3Page - Linear Technology LTM4600EVPBF Datasheet HTML 4Page - Linear Technology LTM4600EVPBF Datasheet HTML 5Page - Linear Technology LTM4600EVPBF Datasheet HTML 6Page - Linear Technology LTM4600EVPBF Datasheet HTML 7Page - Linear Technology LTM4600EVPBF Datasheet HTML 8Page - Linear Technology LTM4600EVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4600
4
4600fa
LOAD CURRENT (A)
0
50
60
70
6
10
4600 G02
40
30
20
24
8
80
90
100
12
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
Efficiency vs Load Current
with 5VIN (FCB = 0)
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (A)
0
100
90
80
70
60
50
40
30
610
4600 G01
24
812
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
Efficiency vs Load Current
with 12VIN (FCB = 0)
Efficiency vs Load Current
with 18VIN (FCB = 0)
LOAD CURRENT (A)
0
6
10
4600 G03
24
8
12
80
90
100
70
60
50
40
30
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
Efficiency vs Load Current
with Different FCB Settings
LOAD CURRENT (A)
20
50
40
30
90
80
70
60
4600 G04
0.1
10
1
FCB = GND
FCB > 0.7V
VIN = 12V
VOUT = 1.5V
1.2V Transient Response
1.5V Transient Response
1.8V Transient Response
2.5V Transient Response
3.3V Transient Response
25µs/DIV
4600 G05
1.2V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POS CAP
C3 = 100pF
25µs/DIV
4600 G06
1.5V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POS CAP
C3 = 100pF
25µs/DIV
4600 G07
1.8V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POS CAP
C3 = 100pF
25µs/DIV
4600 G08
2.5V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POS CAP
C3 = 100pF
25µs/DIV
4600 G09
3.3V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POS CAP
C3 = 100pF
VOUT = 50mV/DIV
IOUT = 5A/DIV
(See Figure 17 for all curves)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com