Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 3 Page - Linear Technology

  LTM4600EVPBF Datasheet HTML 1Page - Linear Technology LTM4600EVPBF Datasheet HTML 2Page - Linear Technology LTM4600EVPBF Datasheet HTML 3Page - Linear Technology LTM4600EVPBF Datasheet HTML 4Page - Linear Technology LTM4600EVPBF Datasheet HTML 5Page - Linear Technology LTM4600EVPBF Datasheet HTML 6Page - Linear Technology LTM4600EVPBF Datasheet HTML 7Page - Linear Technology LTM4600EVPBF Datasheet HTML 8Page - Linear Technology LTM4600EVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4600
3
4600fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4600E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4600I is guaranteed and tested
over the –40°C to 85°C temperature range.
Note 3: Test assumes current derating verses temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Specifications
IOUTDC
Output Continuous Current Range
(See Output Current Derating Curves for
Different VIN, VOUT and TA)
VIN = 12V, VOUT = 1.5V
0
10
A
ΔVOUT/ΔVIN
Line Regulation Accuracy
VOUT = 1.5V, IOUT = 0A, FCB = 0V,
VIN = 4.5V to 20V
●
0.15
0.3
%
ΔVOUT/ΔIOUT
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 10A, FCB = 0V
VIN = 5V
VIN = 12V (Note 3)
●
±1
±1.5
%
%
VOUT(AC)
Output Ripple Voltage
VIN = 12V, VOUT = 1.5V, IOUT = 0A, FCB = 0V
10
15
mVP-P
fs
Output Ripple Voltage Frequency
VOUT = 1.5V, IOUT = 5A, FCB = 0V
800
kHz
tSTART
Turn-On Time
VOUT = 1.5V, IOUT = 10A
VIN = 12V
VIN = 5V
0.5
0.7
ms
ms
ΔVOUTLS
Voltage Drop for Dynamic Load Step
VOUT = 1.5V, Load Step: 0A/µs to 5A/µs
COUT = 3 • 22µF 6.3V, 470µF 4V Pos Cap,
See Table 2
36
mV
tSETTLE
Settling Time for Dynamic Load Step
Load: 10% to 90% to 10% of Full Load
25
µs
IOUTPK
Output Current Limit
Output Voltage in Foldback
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
14
14
A
A
Control Stage
VOSET
Voltage at VOSET Pin
IOUT = 0A, VOUT = 1.5V
●
0.591
0.594
0.6
0.6
0.609
0.606
V
V
VRUN/SS
RUN ON/OFF Threshold
0.8
1.5
2
V
IRUN(C)/SS
Soft-Start Charging Current
VRUN/SS = 0V
–0.5
–1.2
–3
µA
IRUN(D)/SS
Soft-Start Discharging Current
VRUN/SS = 4V
0.8
1.8
3
µA
VIN – SVIN
EXTVCC = 0V, FCB = 0V
100
mV
IEXTVCC
Current into EXTVCC Pin
EXTVCC = 5V, FCB = 0V, VOUT = 1.5V,
IOUT = 0A
16
mA
RFBHI
Resistor Between VOUT and FB Pins
100
kΩ
VFCB
Forced Continuous Threshold
0.57
0.6
0.63
V
IFCB
Forced Continuous Pin Current
VFCB = 0.6V
–1
–2
µA
PGOOD Output
ΔVOSETH
PGOOD Upper Threshold
VOSET Rising
7.5
10
12.5
%
ΔVOSETL
PGOOD Lower Threshold
VOSET Falling
–7.5
–10
–12.5
%
ΔVOSET(HYS)
PGOOD Hysteresis
VOSET Returning
2
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V
The ● denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com