Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4600EVPBF Datasheet HTML 13Page - Linear Technology LTM4600EVPBF Datasheet HTML 14Page - Linear Technology LTM4600EVPBF Datasheet HTML 15Page - Linear Technology LTM4600EVPBF Datasheet HTML 16Page - Linear Technology LTM4600EVPBF Datasheet HTML 17Page - Linear Technology LTM4600EVPBF Datasheet HTML 18Page - Linear Technology LTM4600EVPBF Datasheet HTML 19Page - Linear Technology LTM4600EVPBF Datasheet HTML 20Page - Linear Technology LTM4600EVPBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM4600
17
4600fa
APPLICATIO S I FOR ATIO
Figure 16. Recommended PCB Layout
VIN
PGND
TOP LAYER
VOUT
SGND
4600 F16
LOAD
CIN
Layout Checklist/Example
The high integration of the LTM4600 makes the PCB board
layout very simple and easy. However, to optimize its electri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current path, in-
cluding VIN, PGND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress
• Place high frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high frequency noise
• Place a dedicated power ground layer underneath
the unit
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers
• Do not put via directly on pad
• Use a separated SGND ground copper area for compo-
nents connected to signal pins. Connect the SGND to
PGND underneath the unit
Figure 16 gives a good example of the recommended
layout.
Frequency Adjustment
The LTM4600 is designed to typically operate at 800kHz
across most input and output conditions. The fADJ pin is
typically left open or decoupled with an optional 1000pf
capacitor. The switching frequency has been optimized for
maintaining constant output ripple noise over the operating
ranges. The switching frequency will increase up to typically
1.2MHz for 5V and 3.3V outputs to limit increase output
ripple noise. The switching frequency can be adjusted
lower to accommodate high duty cycle requirements like
5V to 3.3V, and 12V to 5V. There are limitations to input
voltage range for the higher duty cycle designs that limit
the internal inductor ripple current so that the inductor will
not saturate at higher load current. Examples:
LTM4600 minimum on-time = 100ns
LTM4600 minimum off-time = 400ns
Equations for setting frequency:
ION = VIN – 0.7V/110k; for 12V input, ION = 103µA
frequency = (ION/[2.4V • 10pF]) • DC; DC = duty cycle,
duty cycle is (VOUT/VIN)
t = tON + tOFF, tON = on-time, tOFF = off-time of the
switching period; t = 1/frequency
tOFF must be greater than 400ns, or t – tON > 400ns.
tON = DC • t
1MHz frequency or 1µs period is chosen for 12V to 5V.
tON = 0.41 • 1µs ≅ 410ns
tOFF = 1µs – 410ns ≅ 590ns
tON and tOFF are above the minimums with adquate guard
band.
Using the frequency = (ION/[2.4V • 10pF]) • DC, solve for
ION = (1MHz • 2.4V • 10pF) • (1/0.41) ≅ 58µA. ION current
calculated from 12V input was 103µA, so a resistor from
fADJ to ground = (0.7V/15k) = 46µA. 103µA – 46µA =
57µA, sets the adequate ION current for proper frequency
range for the higher duty cycle conversion of 12V to
5V. Input voltage range is limited to 9V to 16V. Higher
input voltages can be used without the 15k on fADJ. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com