Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4600EVPBF Datasheet HTML 11Page - Linear Technology LTM4600EVPBF Datasheet HTML 12Page - Linear Technology LTM4600EVPBF Datasheet HTML 13Page - Linear Technology LTM4600EVPBF Datasheet HTML 14Page - Linear Technology LTM4600EVPBF Datasheet HTML 15Page - Linear Technology LTM4600EVPBF Datasheet HTML 16Page - Linear Technology LTM4600EVPBF Datasheet HTML 17Page - Linear Technology LTM4600EVPBF Datasheet HTML 18Page - Linear Technology LTM4600EVPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM4600
15
4600fa
Figure 14. No Heatsink
Figure 15. BGA Heatsink
AMBIENT TEMPERATURE (
°C)
50
70
4600 F12
60
10
9
8
7
6
5
3
4
80
90
100
VIN = 12V
VO = 1.5V
400 LFM
200 LFM
0 LFM
AMBIENT TEMPERATURE (
°C)
50
55
70
4600 F11
60
65
75
80
85
90
VIN = 12V
VO = 1.5V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
5
4
AMBIENT TEMPERATURE (
°C)
50
70
4600 F10
60
80
90
100
VIN = 5V
VO = 1.5V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
5
4
APPLICATIO S I FOR ATIO
AMBIENT TEMPERATURE (
°C)
50
70
4600 F09
60
80
90
VIN = 5V
VO = 1.5V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
5
4
OUTPUT CURRENT (A)
08
6
4600 F08
24
10
3.5
4.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
0
12V LOSS
5V LOSS
VOUT = 1.5V
Figure 8. Power Loss vs Load Current
Figure 9. No Heatsink
Figure 10. BGA Heatsink
Figure 11. No Heatsink
Figure 12. BGA Heatsink
Figure 13. Power Loss vs Load Current
OUTPUT CURRENT (A)
08
6
4600 F13
24
10
3.5
4.0
5.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN = 12V
VOUT = 3.3V
AMBIENT TEMPERATURE (
°C)
40
70
4600 F14
60
50
80
90
VIN = 12V
VO = 3.3V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
4
5
0
1
2
3
AMBIENT TEMPERATURE (
°C)
40
50
70
4600 F15
60
80
90
100
VIN = 12V
VO = 3.3V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com