Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4600EVPBF Datasheet HTML 14Page - Linear Technology LTM4600EVPBF Datasheet HTML 15Page - Linear Technology LTM4600EVPBF Datasheet HTML 16Page - Linear Technology LTM4600EVPBF Datasheet HTML 17Page - Linear Technology LTM4600EVPBF Datasheet HTML 18Page - Linear Technology LTM4600EVPBF Datasheet HTML 19Page - Linear Technology LTM4600EVPBF Datasheet HTML 20Page - Linear Technology LTM4600EVPBF Datasheet HTML 21Page - Linear Technology LTM4600EVPBF Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4600
18
4600fa
inductor ripple current gets too high above 16V, and the
400ns minimum off-time is limited below 9V.
Equations for setting frequency:
ION = VIN – 0.7V/110k; for 5V input, ION = 39µA
frequency = (ION/[2.4V • 10pF]) • DC; DC = duty cycle,
duty cycle is (VOUT/VIN)
t = tON + tOFF, tON = on-time, tOFF = off-time of the
switching period; t = 1/frequency
tOFF must be greater than 400ns, or t – tON > 400ns.
tON = DC • t
~450kHz frequency or 2.22µs period is chosen for 5V to
3.3V. Frequency range is about 450kHz to 650kHz from
4.5V to 7V input.
tON = 0.66 • 2.22µs ≅ 1.46ns
tOFF = 2µs – 1.32ns ≅ 760ns
tON and tOFF are above the minimums with adquate guard
band.
Using the frequency = (ION/[2.4V • 10pF]) • DC, solve for
ION = (450kHz • 2.4V • 10pF) • (1/0.66) ≅ 16µA. ION current
calculated from 5V input was 39µA, so a resistor from fADJ
to ground = (0.7V/30.1k) = 23µA. 39µA – 23µA = 16µA,
sets the adequate ION current for proper frequency range
for the higher duty cycle conversion of 5V to 3.3V. Input
voltage range is limited to 4.5V to 7V. Higher input voltages
can be used without the 30.1k on fADJ. The inductor ripple
current gets too high above 7V, and the 400ns minimum
off-time is limited below 4.5V.
APPLICATIO S I FOR ATIO
4600 F18
R2
22.1k
1%
R1
30.1k
EXTVCC
RUN/SS
COMP
FCB
VOUT
5V TO 3.3V AT 8A WITH fADJ = 30.1k
C1, C3: TDK C3216X5R1E106MT
C2: TAIYO YUDEN, JMK316BJ226ML
C4: SANYO POS CAP, 6TPE330MIL
PGOOD
VOSET
SVIN
PGND
SGND
4.5V TO 7V
3.3V AT 8A
C1
10
µF
25V
C3
10
µF
25V
C4
330
µF
6.3V
C2
22
µF
C5
100pF
VIN
LTM4600EV
fADJ
RUN/SOFT-START
OPEN DRAIN
EFFICIENCY = 93%
+
4600 F19
R2
13.7k
1%
R1
15k
EXTVCC
RUN/SS
COMP
FCB
VOUT
12V TO 5V AT 8A WITH fADJ = 15k
C1, C3: TDK C3216X5R1E106MT
C2: TAIYO YUDEN, JMK316BJ226ML
C4: SANYO POS CAP, 6TPE330MIL
PGOOD
VOSET
SVIN
PGND
SGND
9V TO 16V
5V AT 8A
EFFICIENCY = 93%
C1
10
µF
25V
C3
10
µF
25V
C4
330
µF
6.3V
C2
22
µF
C5
100pF
VIN
LTM4600EV
fADJ
RUN/SOFT-START
OPEN DRAIN
+
5V to 3.3V at 8A
12V to 5V at 8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com