Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4600EVPBF Datasheet HTML 15Page - Linear Technology LTM4600EVPBF Datasheet HTML 16Page - Linear Technology LTM4600EVPBF Datasheet HTML 17Page - Linear Technology LTM4600EVPBF Datasheet HTML 18Page - Linear Technology LTM4600EVPBF Datasheet HTML 19Page - Linear Technology LTM4600EVPBF Datasheet HTML 20Page - Linear Technology LTM4600EVPBF Datasheet HTML 21Page - Linear Technology LTM4600EVPBF Datasheet HTML 22Page - Linear Technology LTM4600EVPBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM4600
19
4600fa
TYPICAL APPLICATIO
Figure 17. Typical Application, 5V to 20V Input, 0.6V to 5V Output, 10A Max
4600 F17
VOUT
EXTVCC
fADJ
VOSET
FCB
COMP
PGOOD
VOUT
(MULTIPLE PINS)
VOUT
RUN/SS
SGND
PGND
(MULTIPLE PINS)
COUT1
22
µF
6.3V
×3
REFER TO
TABLE 2
COUT2
470
µF
REFER TO
TABLE 2
GND
0.6V TO 5V
REFER TO STEP DOWN
RATIO GRAPH
C4
OPT
VIN
5V TO 20V
GND
CIN (CER)
10
µF
2x
CIN (BULK)
150
µF
C3
100pF
R1
66.5k
REFER TO
TABLE 1
VIN
(MULTIPLE PINS)
LTM4600
SVIN
+
+
APPLICATIO S I FOR ATIO
VIN (V)
4600 F20
13579
11
13
15
17
3.3V: fADJ = 30.1k
5V: fADJ = 15k
5V AT 8A
3.3V AT 8A
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN to VOUT Stepdown Ratio for 12VIN
to 5VOUT and 5VIN to 3.3VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com