Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4600EVPBF Datasheet HTML 12Page - Linear Technology LTM4600EVPBF Datasheet HTML 13Page - Linear Technology LTM4600EVPBF Datasheet HTML 14Page - Linear Technology LTM4600EVPBF Datasheet HTML 15Page - Linear Technology LTM4600EVPBF Datasheet HTML 16Page - Linear Technology LTM4600EVPBF Datasheet HTML 17Page - Linear Technology LTM4600EVPBF Datasheet HTML 18Page - Linear Technology LTM4600EVPBF Datasheet HTML 19Page - Linear Technology LTM4600EVPBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4600
16
4600fa
APPLICATIO S I FOR ATIO
Table 4. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEATSINK
θJA (°C/W)
Figure 14
12
Figure 13
0
None
15.2
Figure 14
12
Figure 13
200
None
14.6
Figure 14
12
Figure 13
400
None
13.4
Figure 15
12
Figure 13
0
BGA Heatsink
13.9
Figure 15
12
Figure 13
200
BGA Heatsink
11.1
Figure 15
12
Figure 13
400
BGA Heatsink
10.5
Table 3. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEATSINK
θJA (°C/W)
Figures 9, 11
5, 12
Figure 8
0
None
15.2
Figures 9, 11
5, 12
Figure 8
200
None
14
Figures 9, 11
5, 12
Figure 8
400
None
12
Figures 10, 12
5, 12
Figure 8
0
BGA Heatsink
13.9
Figures 10, 12
5, 12
Figure 8
200
BGA Heatsink
11.3
Figures 10, 12
5, 12
Figure 8
400
BGA Heatsink
10.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com