Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600EVPBF Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4600EVPBF
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EVPBF Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4600EVPBF Datasheet HTML 16Page - Linear Technology LTM4600EVPBF Datasheet HTML 17Page - Linear Technology LTM4600EVPBF Datasheet HTML 18Page - Linear Technology LTM4600EVPBF Datasheet HTML 19Page - Linear Technology LTM4600EVPBF Datasheet HTML 20Page - Linear Technology LTM4600EVPBF Datasheet HTML 21Page - Linear Technology LTM4600EVPBF Datasheet HTML 22Page - Linear Technology LTM4600EVPBF Datasheet HTML 23Page - Linear Technology LTM4600EVPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM4600
24
4600fa
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0206 REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIO
1.8V, 10A Regulator
4600 TA04
C1, C2: TDK C3216X5R1E106MT
C3: TAIYO YUDEN, JMK316BJ226ML-T501
C4: SANYO POS CAP, 4TPE470MCL
1.8V AT 10A
4.5V AT 20V
R1
100k
EXTVCC
RUN
COMP
FCB
VOUT
PGOOD
VOSET
SVIN
PGND
SGND
C1
10
µF
25V
C2
10
µF
25V
C5
100pF
C4
470
µF
4V
PGOOD
C3
22
µF
x3
VIN
LTM4600
fADJ
R2
49.9k
1%
+
This product contains technology licensed from Silicon Semiconductor Corporation.
®
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable
Reset Timer
Monitors Four Supplies; Adjustable Reset Timer
LTC2923
Power Supply Tracking Controller
Tracks Both Up and Down; Power Supply Sequencing
LT3825/LT3837
Synchronous Isolated Flyback
Controllers
No Optocoupler Required; 3.3V, 12A Output; Simple Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com