Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 23 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 23 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 19Page - Texas Instruments DIX4192IPFB Datasheet HTML 20Page - Texas Instruments DIX4192IPFB Datasheet HTML 21Page - Texas Instruments DIX4192IPFB Datasheet HTML 22Page - Texas Instruments DIX4192IPFB Datasheet HTML 23Page - Texas Instruments DIX4192IPFB Datasheet HTML 24Page - Texas Instruments DIX4192IPFB Datasheet HTML 25Page - Texas Instruments DIX4192IPFB Datasheet HTML 26Page - Texas Instruments DIX4192IPFB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
CS
CDN
I
CC K
L
Set
=1hereto
gisterlocation.
write/readonere
CS
Hold
=0toenab
de.
leauto-incrementmo
CS
Byte0
Byte1
Byte2
Byte3
ByteN
R/W A6 A5
A0
A4
A1
A3 A2
Setto 0forWrite
ad.
; Setto
orRe
1f
Byte0:
MSB
LSB
ByteDefi ition
n
Header
RegisterData
RegisterAddress
Byte1:DontCar
’
e
Byte2 throughByteN: RegisterD t
a a
CDOUT
HiZ
HiZ
DataforA[ : ]+1
6 0
DataforA[6:0]
DataforA[ : ]+N
2 0
RegisterData
23
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 Host Interface Operation: Serial Peripheral Interface (SPI) Mode
The DIX4192 supports a 4-wire SPI port when the CPM input (pin 18) is forced low or tied to ground. The SPI
port supports high-speed serial data transfers up to 40 Mbps. Register and data buffer write and read operations
are supported.
The CS input (pin 19) serves as the active low chip select for the SPI port. The CS input must be forced low in
order to write or read registers and data buffers. When CS is forced high, the data at the CDIN input (pin 21) is
ignored, and the CDOUT output (pin 22) is forced to a high-impedance state. The CDIN input serves as the serial
data input for the port; the CDOUT output serves as the serial data output.
The CCLK input (pin 20) serves as the serial data clock for both the input and output data. Data is latched at the
CDIN input on the rising edge of CCLK, while data is clocked out of the CDOUT output on the falling edge of
CCLK.
Figure 19 shows the SPI port protocol. Byte 0 is referred to as the command byte, where the most significant bit
(or MSB) is the read/write bit. For the R/W bit, a 0 indicates a write operation, while a 1 indicates a read
operation. The remaining seven bits of the command byte are used for the register address targeted by the write
or read operation. Byte 1 is a don’t care byte, and may be set to all zeroes. This byte is included in order to
retain protocol compatibility with earlier Texas Instruments digital audio interface and sample rate converter
products, including the DIT4096, DIT4192, the SRC418x series devices, and the SRC419x series devices.
The SPI port supports write and read operations for multiple sequential register addresses through the
implementation of an auto-increment mode. As shown in Figure 19, the auto-increment mode is invoked by
simply holding the CS input low for multiple data bytes. The register address is automatically incremented after
each data byte transferred, starting with the address specified by the command byte.
Refer to the SPI section of the Electrical Characteristics table and Figure 2 for specifications and a timing
diagram that highlight the key parameters for SPI operation.
Figure 19. Serial Peripheral Interface (SPI) Protocol for the DIX4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com