Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 28 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 28 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 24Page - Texas Instruments DIX4192IPFB Datasheet HTML 25Page - Texas Instruments DIX4192IPFB Datasheet HTML 26Page - Texas Instruments DIX4192IPFB Datasheet HTML 27Page - Texas Instruments DIX4192IPFB Datasheet HTML 28Page - Texas Instruments DIX4192IPFB Datasheet HTML 29Page - Texas Instruments DIX4192IPFB Datasheet HTML 30Page - Texas Instruments DIX4192IPFB Datasheet HTML 31Page - Texas Instruments DIX4192IPFB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
28
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 23. Register 01: Power-Down and Reset
7 (MSB)
6
5
4
3
2
1
0 (LSB)
RESET
0
PDALL
PDPA
PDPB
PDTX
PDRX
0
Table 4. Register 01: Power-Down and Reset Field Descriptions
PDRX
Power-Down for the Receiver Function Block
This bit is used to power-down the DIR and associated functions. All receiver outputs are forced low.
PDRX
Receiver Power-Down Mode
0
Enabled (default)
1
Disabled; the Receiver function block will operate normally based upon the applicable control register settings.
PDTX
Power-Down for the Transmitter Function Block
This bit is used to power-down the DIT and associated functions. All transmitter outputs are forced low.
PDTX
Transmitter Power-Down Mode
0
Enabled (default)
1
Disabled; the Transmitter function block will operate normally based upon the applicable control register settings.
PDPB
Power-Down for Serial Port B
This bit is used to power-down the audio serial I/O Port B. All port outputs are forced low.
PDPB
Port B Power-Down Mode
0
Enabled (default)
1
Disabled; Port B will operate normally based upon the applicable control register settings.
PDPA
Power-Down for Serial Port A
This bit is used to power-down the audio serial I/O Port A. All port outputs are forced low.
PDPA
Port A Power-Down Mode
0
Enabled (default)
1
Disabled; Port A will operate normally based upon the applicable control register settings.
PDALL
Power-Down for All Functions
This bit is used to power-down all function blocks except the host interface port and the control and status registers.
PDALL
All Function Power-Down Mode
0
Enabled (default)
1
Disabled; all function blocks will operate normally based upon the applicable control register settings.
RESET
Software Reset
This bit is used to force a reset initialization sequence, and is equivalent to forcing an external reset through the RST input (pin 24).
RESET
Reset Function
0
Disabled (default)
1
Enabled; all control registers will be reset to the default state.
Figure 24. Register 02: Global Interrupt Status (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
TX
RX
0
Table 5. Register 02: Global Interrupt Status (Read-Only) Field Descriptions
RX
Receiver Function Block Interrupt Status (Active High)
When set to 1, this bit indicates an active interrupt from the DIR function block. This bit is active high. The user must then read status
registers 0x14 and 0x15 in order to determine which of the sources has generated an interrupt.
TX
Transmitter Function Block Interrupt Status (Active High)
When set to 1, this bit indicates an active interrupt from the DIT function block. This bit is active high. The user must then read status
register 0x0A in order to determine which of the sources has generated an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com