Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 4 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 4 Page - Texas Instruments

  DIX4192IPFB Datasheet HTML 1Page - Texas Instruments DIX4192IPFB Datasheet HTML 2Page - Texas Instruments DIX4192IPFB Datasheet HTML 3Page - Texas Instruments DIX4192IPFB Datasheet HTML 4Page - Texas Instruments DIX4192IPFB Datasheet HTML 5Page - Texas Instruments DIX4192IPFB Datasheet HTML 6Page - Texas Instruments DIX4192IPFB Datasheet HTML 7Page - Texas Instruments DIX4192IPFB Datasheet HTML 8Page - Texas Instruments DIX4192IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
SYNC
BLS
AESOUT
VDD33
TX+
TX-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
1
2
3
4
5
6
7
8
9
10
11
12
RX1+
RX1-
RX2+
RX2-
RX3+
RX3-
RX4+
RX4-
VCC
AGND
LOCK
RXCKO
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
4
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, PWR = Power, GND = Ground
7 Pin Configuration and Functions
PFB Package
48-Pin TQFP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AESOUT
34
O
DIT buffered AES3-encoded data
AGND
10
GND
DIR comparator and PLL power-supply ground
BCKA
37
I/O
Audio serial Port A bit clock
BCKB
48
I/O
Audio serial Port B bit clock
BGND
44
GND
Substrate ground, connect to AGND (pin 10)
BLS
35
I/O
DIT block start clock
CCLK or SCL
20
I
Serial data clock for SPI mode or I2C mode
CDIN or A1
21
I
SPI port serial data input or programmable slave address for I2C mode
CDOUT or SDA
22
I/O
SPI port serial data output (tri-state output) or serial data I/O for I2C mode
CPM
18
I
Control port mode, 0 = SPI mode, 1 = I2C mode
CS or A0
19
I
Chip select (active low) for SPI mode or programmable slave address for I2C mode
DGND1
16
GND
Digital core ground
DGND2
30
GND
DIR line receiver bias and DIT line driver digital ground
DGND3
43
GND
Logic I/O ground
GPO1
26
O
General-purpose output 1
GPO2
27
O
General-purpose output 2
GPO3
28
O
General-purpose output 3
GPO4
29
O
General-purpose output 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com