Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 13 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 9Page - Texas Instruments DIX4192IPFB Datasheet HTML 10Page - Texas Instruments DIX4192IPFB Datasheet HTML 11Page - Texas Instruments DIX4192IPFB Datasheet HTML 12Page - Texas Instruments DIX4192IPFB Datasheet HTML 13Page - Texas Instruments DIX4192IPFB Datasheet HTML 14Page - Texas Instruments DIX4192IPFB Datasheet HTML 15Page - Texas Instruments DIX4192IPFB Datasheet HTML 16Page - Texas Instruments DIX4192IPFB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
RST
0
1
500ns (min)
500 s
m
(min)
Write orRead
via
S Ior
P
I C
2
13
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 6. Reset Sequence Timing
9.3.2 Master and Reference Clocks
The DIX4192 includes two clock inputs, MCLK (pin 25) and RXCKI (pin 13). The MCLK clock input is typically
used as the master clock source for the audio serial ports and/or the DIT. The MCLK may also be used as the
reference clock for the DIR. The RXCKI clock input is typically used for the DIR reference clock source, although
it may also be used as the master or reference clock source for the audio serial ports.
In addition to the MCLK and RXCKI clock sources, the DIR core recovers a master clock from the AES3-
encoded input data stream. This clock is suitable for use as a master or system clock source in many
applications. The recovered master clock output, RXCKO (pin 12), may be used as the master or reference clock
source for the audio serial ports and the DIT, as well as external audio devices.
The master clock frequency for the audio serial ports (Port A and Port B) depends on the Slave or Master mode
configuration of the port. In Slave mode, the ports do not require a master clock because the left/right word and
bit clocks are inputs, sourced from an external audio device serving as the serial bus timing master. In Master
mode, the serial ports derive the left/right word and bit clock outputs from the selected master clock source,
MCLK, RXCKI, or RXCKO. The left/right word clock rate is derived from the selected master clock source using
one of four clock divider settings (divide by 128, 256, 384, or 512). Refer to Audio Serial Port Operation for
additional details.
The DIT always requires a master clock source, which may be either the MCLK input, or the DIR recovered clock
output, RXCKO. Like the audio serial ports, the DIT output frame rate is derived from the selected master clock
using one of four clock divider settings (divide-by-128, -256, -384, or -512). Refer to Digital Interface Transmitter
(DIT) Operation for additional details.
The DIR reference clock may be any frequency that meets the PLL1 set-up requirements, described in Control
Registers. Typically, a common audio system clock rate, such as 11.2896 MHz, 12.288 MHz, 22.5792 MHz, or
24.576 MHz, may be used for this clock.
TI recommends that the clock sources for MCLK and RXCKI input be generated by low-jitter crystal oscillators for
optimal performance. In general, phase-locked loop (PLL) clock synthesizers must be avoided, unless they are
designed or specified for low clock jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com