Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 38 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 38 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 34Page - Texas Instruments DIX4192IPFB Datasheet HTML 35Page - Texas Instruments DIX4192IPFB Datasheet HTML 36Page - Texas Instruments DIX4192IPFB Datasheet HTML 37Page - Texas Instruments DIX4192IPFB Datasheet HTML 38Page - Texas Instruments DIX4192IPFB Datasheet HTML 39Page - Texas Instruments DIX4192IPFB Datasheet HTML 40Page - Texas Instruments DIX4192IPFB Datasheet HTML 41Page - Texas Instruments DIX4192IPFB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Y
X
Y
X
L
R
L
R
L
R
L
R
R
L
R
L
AES3BitStream
DIRSYNC
LRCK,I SFormat(input)
2
LRCK,Left-orRight-
JustifiedFormats(input)
±5%
±5%
DataSliporRepeatmayoccurwhentheLRCKedgesindicatedarewithinthe 5%window.
±
38
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table 22. Register 14: Receiver Status Register 2 (Read-Only) Field Descriptions (continued)
0
Buffer transfer incomplete, or no Buffer transfer interrupt indicated
1
Buffer transfer completed
Figure 43. Register 15: Receiver Status Register 3 (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
0
0
OSLIP
Note: Status bits must be unmasked in control register 0x17 in order for the status interrupts to be generated.
Table 23. Register 15: Receiver Status Register 3 (Read-Only) Field Descriptions
OSLIP
Receiver Output Data Slip Error Status
OSLIP
Receiver OSLIP Error Status
0
No error
1
DIR output data Slip or Repeat error detected
An OSLIP interrupt is possible when the DIR output is used as the source for either the Port A or Port B audio serial port and the port is configured to operate in
slave mode. Figure 44 shows the timing associated with the OSLIP interrupt.
When only one audio serial port (Port A or Port B) is sourced by the DIR output, then the OSLIP status bit and interrupt applies to that port. If both Port A and
Port B are sourced by the DIR output, then the OSLIP status bit and interrupt applies to Port A only.
Figure 44. DIR Output Slip and Repeat (OSLIP) Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com