Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 30 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 30 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 26Page - Texas Instruments DIX4192IPFB Datasheet HTML 27Page - Texas Instruments DIX4192IPFB Datasheet HTML 28Page - Texas Instruments DIX4192IPFB Datasheet HTML 29Page - Texas Instruments DIX4192IPFB Datasheet HTML 30Page - Texas Instruments DIX4192IPFB Datasheet HTML 31Page - Texas Instruments DIX4192IPFB Datasheet HTML 32Page - Texas Instruments DIX4192IPFB Datasheet HTML 33Page - Texas Instruments DIX4192IPFB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
30
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table 7. Register 04: Port A Control Register 2 Field Descriptions (continued)
1
0
RXCKO
1
1
Reserved
Figure 27. Register 05: Port B Control Register 1
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
BMUTE
BOUTS1
BOUTS0
BM/S
BFMT2
BFMT1
BFMT0
Table 8. Register 05: Port B Control Register 1 Field Descriptions
BFMT[2:0]
Port B Audio Data Format
These bits are used to set the audio input and output data format for Port B. Refer to Audio Serial Port Operation for illustrations of the
supported data formats. Refer to the Audio Serial Ports section of the Electrical Characteristics table and Figure 1 for an applicable timing
diagram and parameters.
BFMT2
BFMT1
BFMT0
Audio Data Format
0
0
0
24-Bit Left-Justified (default)
0
0
1
24-Bit Philips I2S
0
1
0
Unused
0
1
1
Unused
1
0
0
16-Bit Right-Justified
1
0
1
18-Bit Right-Justified
1
1
0
20-Bit Right-Justified
1
1
1
24-Bit Right-Justified
BM/S
Port B Slave and Master Mode
This bit is used to set the audio clock mode for Port B to either Slave or Master.
BM/S
Slave and Master Mode
0
Slave mode; the LRCK and BCK clocks are generated by an external source. (default)
1
Master mode; the LRCK and BCK clocks are derived from the Port A master clock source.
BOUTS[1:0]
Port B Output Source
These bits are used to select the output data source for Port B. The data is output at SDOUTB (pin 45).
BOUTS1
BOUTS0
Output Data Source
0
0
Port B input, for data loop back. (default)
0
1
Port A input
1
0
DIR
1
1
Reserved
BMUTE
Port B Output Mute
This bit is used to mute the Port B audio data output.
BMUTE
Output Mute
0
Disabled; SDOUTB is driven by the output data source. (default)
1
Enabled; SDOUTB is forced low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com