Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 6 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 2Page - Texas Instruments DIX4192IPFB Datasheet HTML 3Page - Texas Instruments DIX4192IPFB Datasheet HTML 4Page - Texas Instruments DIX4192IPFB Datasheet HTML 5Page - Texas Instruments DIX4192IPFB Datasheet HTML 6Page - Texas Instruments DIX4192IPFB Datasheet HTML 7Page - Texas Instruments DIX4192IPFB Datasheet HTML 8Page - Texas Instruments DIX4192IPFB Datasheet HTML 9Page - Texas Instruments DIX4192IPFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
VDD18
1.65
1.8
1.95
V
VDD33
3
3.3
3.6
V
VIO
1.65
3.3
3.6
V
VCC
3
3.3
3.6
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.4 Thermal Information
THERMAL METRIC(1)
DIX4192
UNIT
PFB (TQFP)
48 PINS
RθJA
Junction-to-ambient thermal resistance
62.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.8
°C/W
RθJB
Junction-to-board thermal resistance
27.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
27.6
°C/W
8.5 Electrical Characteristics
All specifications are at TA = 25°C, VDD18 = 1.8 V, VDD33 = 3.3 V, VIO = 3.3 V, and VCC = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL I/O CHARACTERISTICS (ALL I/O PINS EXCEPT LINE RECEIVERS AND LINE DRIVER)
VIH
High-level input voltage
0.7 × VIO
VIO
V
VIL
Low-level input voltage
0
0.3 × VIO
V
IIH
High-level input current
IO = –4 mA, MUTE, SDINA, and SDINB pins
0.5
25
μA
IO = –4 mA, all other pins
0.5
10
IIL
Low-level input current
IO = 4 mA
0.5
10
μA
VOH
High-level output voltage
0.8 × VIO
VIO
V
VOL
Low-level output voltage
0
0.2 × VIO
V
CIN
Input capacitance
3
pF
LINE RECEIVER INPUTS (RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–)
VTH
Differential input sensitivity
Voltage across a given differential input pair
150
200
mV
VHY
Input hysteresis
150
mV
LINE DRIVER OUTPUTS (TX+, TX–)
VTXO
Differential output voltage
RL = 110 Ω Across TX+ and TX–
5.4
VPP
MASTER CLOCK INPUT
fMCLK
Master clock input (MCLK) frequency
1
27.7
MHz
fMCLKD
Master clock input (MCLK) duty cycle
45%
55%
DIGITAL AUDIO INTERFACE RECEIVER (DIR)
PLL lock range
TA = 25°C
20
216
kHz
fRXCKI
Reference clock input (RXCKI) frequency
3.5
27.7
MHz
fRXCKID
Reference clock input (RXCKI) duty cycle
45%
55%
fRXCKO
Recovered clock output (RXCKO) frequency
3.5
27.7
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com