Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 54 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 54 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 50Page - Texas Instruments DIX4192IPFB Datasheet HTML 51Page - Texas Instruments DIX4192IPFB Datasheet HTML 52Page - Texas Instruments DIX4192IPFB Datasheet HTML 53Page - Texas Instruments DIX4192IPFB Datasheet HTML 54Page - Texas Instruments DIX4192IPFB Datasheet HTML 55Page - Texas Instruments DIX4192IPFB Datasheet HTML 56Page - Texas Instruments DIX4192IPFB Datasheet HTML 57Page - Texas Instruments DIX4192IPFB Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
VDD33
0.1 F
m
ToRX+
ToRX-
All-Plastic
(5or10metersmaximum)
(1)ToshibaTORX141orequivalent.
Optical
Receiver
(1)
(1)Inserta0.1 Fcap
common-modeDC
m
acitorwhenblocking
components.
1:1
75W
0.1 F
m
0.1 F
m
ToRX+
ToRX-
Dig ta
i lInput
75
Unbalan
W
ced
(RCAorBNCConnector)
C
(1)
(a)Transformer-CoupledUnbalancedLineInterface
75W
0.1 F
m
0.1 F
m
ToRX+
ToRX-
DigitalInput
75
Unbalan
W
ced
(RCAorBNCConnector)
(b)UnbalancedLineInterfaceWithoutTransformer
(1)Inserta0.1 Fcap
common-modeDCvoltage.
m
acitorwhenblocking
1:1
110W
0.1 F
m
0.1 F
m
ToRX+
T R
o
-
X
3
2
1
XLR
DigitalInput
110
B
W
alanced
C
(1)
54
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 72. Transformer-Coupled Balanced Input Interface
Unbalanced 75-
Ω coaxial cable interfaces are commonly employed in consumer and broadcast audio
applications. Designs with and without transformer line coupling may be used. Figure 73(a) shows the
recommended 75-
Ω transformer-coupled line interface, which shares many similarities to the balanced design
shown in Figure 72. Once again, the transformer provides isolation and improved noise rejection. Figure 73(b)
shows the transformer-free interface, which is commonly used for S/PDIF consumer connections.
Figure 73. Unbalanced Line Input Interfaces
Optical interfaces using all-plastic fiber are commonly employed for consumer audio equipment where
interconnections are less than 10 m in length. Optical receiver modules used for a digital audio interface operate
from either a single 3.3-V or 5-V supply and have a TTL–, CMOS-, or low-voltage CMOS-compatible logic output.
Interfacing to 3.3-V optical receivers is straightforward when the optical receiver supply is powered from the
DIX4192 VDD33 power source, as shown in Figure 74. For the 5-V optical receivers, the output high logic level
may exceed the DIX4192 line receiver absolute maximum input voltage. A level translator is required, placed
between the optical receiver output and the DIX4192 line receiver input. Figure 75 shows the recommended
input circuit when interfacing a 5-V optical receiver to the DIX4192 line receiver inputs. The Texas Instruments
SN74LVC1G125 single buffer IC is operated from the same 3.3-V supply used for DIX4192 VDD33 supply. This
buffer includes a 5-V tolerant digital input, and provides the logic level translation required for the interface.
Figure 74. Interfacing to a 3.3-V Optical Receiver Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com