Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFB Datasheet(PDF) 7 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 3Page - Texas Instruments DIX4192IPFB Datasheet HTML 4Page - Texas Instruments DIX4192IPFB Datasheet HTML 5Page - Texas Instruments DIX4192IPFB Datasheet HTML 6Page - Texas Instruments DIX4192IPFB Datasheet HTML 7Page - Texas Instruments DIX4192IPFB Datasheet HTML 8Page - Texas Instruments DIX4192IPFB Datasheet HTML 9Page - Texas Instruments DIX4192IPFB Datasheet HTML 10Page - Texas Instruments DIX4192IPFB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
7
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
All specifications are at TA = 25°C, VDD18 = 1.8 V, VDD33 = 3.3 V, VIO = 3.3 V, and VCC = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
The typical VIO supply current is measured using the DIX4192EVM evaluation module with loading from the DAIMB mother-board
circuitry. VIO supply current is dependent upon the loading on the logic output pins.
fRXCKOD Recovered clock output (RXCKO) duty cycle
45%
55%
Recovered clock output (RXCKO) intrinsic
jitter
Measured cycle-to-cycle
250
ps RMS
DIGITAL AUDIO INTERFACE TRANSMITTER (DIT)
Intrinsic output jitter
Measured cycle-to-cycle
200
ps RMS
POWER SUPPLIES
Supply current: initial startup
All blocks powered down by default
IDD18S
VDD18 = 1.8 V
10
μA
IDD33S
VDD33 = 3.3 V
10
μA
IIOS
VIO = 3.3 V
300
μA
ICCS
VCC = 3.3 V
10
μA
Supply current: quiescent
All blocks powered up with no clocks applied
IDD18Q
VDD18 = 1.8 V
2.3
mA
IDD33Q
VDD33 = 3.3 V
0.6
mA
IIOQ
VIO = 3.3 V
0.3
mA
ICCQ
VCC = 3.3 V
6.3
mA
Supply current: dynamic
All blocks powered up, fS = 48 kHz
IDD18D
VDD18 = 1.8 V
5.1
mA
IDD33D
VDD33 = 3.3 V
14.1
mA
IIOD(1)
VIO = 3.3 V
46
mA
ICCD
VCC = 3.3 V
7.4
mA
Supply current: high sampling rate
All blocks powered up, fS = 192 kHz
IDD18H
VDD18 = 1.8 V
6.7
mA
IDD33H
VDD33 = 3.3 V
15
mA
IIOH(1)
VIO = 3.3 V
47
mA
ICCH
VCC = 3.3 V
7.5
mA
Total power dissipation: initial startup
All blocks powered down by default
1
mW
Total power dissipation: quiescent
All blocks powered up with no clocks applied
28
mW
Total power dissipation: dynamic
All blocks powered up, fS = 48 kHz
233
mW
Total power dissipation: high sampling rate
All blocks powered up, fS = 192 kHz
242
mW
8.6 Timing Requirements
MIN
NOM
MAX
UNIT
AUDIO SERIAL PORTS (PORT A AND PORT B)
fLRCK
LRCK clock frequency
0
216
kHz
tLRCKD
LRCK clock duty cycle
50%
fBCK
BCK clock frequency
0
13.824
MHz
tBCKH
BCK high pulse width
10
ns
tBCKL
BCK low pulse width
10
ns
tAIS
Audio data Input (SDIN) set-up time
10
ns
tAISH
Audio data input (SDIN) hold time
10
ns
tADD
Audio data output (SDOUT) delay
10
ns
HOST INTERFACE: SPI MODE
fCCLK
Serial clock (CCLK) frequency
0
40
MHz
tCSCR
CS falling to CCLK rising
8
ns
tCFCS
CCLK falling to CS rising
7
ns
tCDS
CDIN data set-up time
7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com