Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 12Page - Monolithic Power Systems MP44019GS Datasheet HTML 13Page - Monolithic Power Systems MP44019GS Datasheet HTML 14Page - Monolithic Power Systems MP44019GS Datasheet HTML 15Page - Monolithic Power Systems MP44019GS Datasheet HTML 16Page - Monolithic Power Systems MP44019GS Datasheet HTML 17Page - Monolithic Power Systems MP44019GS Datasheet HTML 18Page - Monolithic Power Systems MP44019GS Datasheet HTML 19Page - Monolithic Power Systems MP44019GS Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
16
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Valley Switching
To minimize the switching loss, the MP44019
always achieves valley switching through zero-
current detection (ZCD) under any condition,
regardless of DCM or CRM. A leading edge
blanking time (tZCD_LEB, typically 0.3µs) is inserted
to filter out the noise on ZCD after the gate turns
off.
The positive voltage on ZCD must exceed VZCD_H
(typically 0.75V) then drop below VZCD_L (typically
0.25V) for the next trigger condition. Besides the
ZCD trigger condition, the actual turn-on action
should also wait for the end of the dead time
extension (DTE) signal (see the Frequency
Reduction function below for more details).
When the DTE signal ends, and the conditions
to trigger ZCD are fulfilled, the controller
switches on the MOSFET after a delay time
(tZCD_DELAY, typically 150ns) at the minimum
drain-source voltage.
The auxiliary winding turn ratio is determined by
a sufficient positive voltage. VAUX_MIN can be
estimated with Equation (2):
������������������������_������������������ =
1
2
× (
������������������������−√2×������������������_������������������
������
− ������������) ≥ ������ZCD_H (2)
Where VF is the forward voltage of DZ (typically
0.7V). The winding ratio (N) can then be
calculated with Equation (3):
N ≤
������������������������−√2×������������������_������������������
2������ZCD_H+������������
(3)
Where VAC_MAX is the input’s maximum RMS
voltage.
A restart timer-out (tZCD_TO, typically 180µs)
generates a signal to turn on the MOSFET after
it switches off. This allows the MOSFET to turn
on during start-up, since no valley signal can be
detected on ZCD.
Figure 4 shows the internal function block, as
well as its peripheral circuit.
LEB time
300ns
0.5V
+
-
OCL
PWM
0.75V
+
-
LEB Time
250ns
R
S Q
Consecutive
Count = 3
OCP
GATE
RZCD
RG
RCS
L1
R4
R
S
Q
0.75V
0.25V
LEB
Restart =
180µs
RAMP
SOFF
Q
+
-
+
-
STOP
ZCD/CS
VCOMPD
tON_MAX =
30µs
DT
PWM
PWM
SOFF
DZ
OCP
OCP
Timer
=50ms
UVLO
Figure 4: ZCD Functional Block
Figure 5 shows the ZCD timing diagram.
IL
tSMIN
tON
GATE
ZCD/CS
ZCD
LEB
ZCD
Detect.
COMP
Ramp
LEB
VDS
LEB
0.75V
0.25V
Figure 5: ZCD Timing Diagram
Frequency Reduction Function
The MP44019 reduces the switching frequency
with DTE technology under light loads. The
MP44019 works in CrM under heavy loads. In
CrM, the PFC
’s frequency increases as the load
is decreased, which means the switching loss
becomes dominant. The MP44019 gradually
inserts a dead time (tD) as the load becomes
lighter.
Figure 6 shows how the dead time is extended
when the COMP voltage drops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com