Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 2Page - Monolithic Power Systems MP44019GS Datasheet HTML 3Page - Monolithic Power Systems MP44019GS Datasheet HTML 4Page - Monolithic Power Systems MP44019GS Datasheet HTML 5Page - Monolithic Power Systems MP44019GS Datasheet HTML 6Page - Monolithic Power Systems MP44019GS Datasheet HTML 7Page - Monolithic Power Systems MP44019GS Datasheet HTML 8Page - Monolithic Power Systems MP44019GS Datasheet HTML 9Page - Monolithic Power Systems MP44019GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
6
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VCC = 20V, TA = TJ= -40°C to +125°C, min and max values are guaranteed by characterization,
typical values are tested under 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage (VCC)
Turn-on threshold
VCC_ON
10.2
10.7
11.2
V
Turn-off threshold
VCC_OFF
8.1
8.6
9.1
V
Hysteresis
VCC_HYS
1.8
2.1
2.4
V
Supply Current
Start-up current
ISTARTUP
VCC = 9.5V
25
40
µA
Quiescent current
IQ
No switch
0.18
0.25
mA
Operating current
ICC
fSW = 70kHz, CLOAD = 1nF
2.1
3
mA
Mains Voltage Sensing (MAINSIN)
Brown-in voltage
VMAINS_BI
0.95
1
1.05
V
Brownout voltage
VMAINS_BO
0.85
0.9
0.95
V
Brownout comparator
hysteresis
VBO(HYS)
0.05
0.1
0.14
V
Brownout timer
tBO
50
ms
Protection current for
MAINSIN open
IMAINSIN_BIAS
20
nA
Error Amplifier
Reference voltage
VR
2.463
2.5
2.538
V
Transconductance
GM1
VFB = 2.45V
80
105
125
µS
GM2
VFB = 2.2V to 2.3V
160
280
400
µS
GM3
VFB = 2.65V to 2.75V
660
780
940
µS
Source current
ISOURCE1(COMP)
VFB = VREF - 0.3V
40
70
100
µA
ISOURCE2(COMP)
VFB = VREF - 0.05V
3
5
7
µA
Sink current
ISINK1(COMP)
VFB = VREF + 0.05V
-2.5
-4.5
-6.5
µA
ISINK2(COMP)
VFB = VREF + 0.15V
-25
-50
-75
µA
Feedback Inverter Pin (FB)
UVP stop threshold
VFB_UVP
0.35
0.4
0.45
V
UVP hysteresis
VFB_UVP_HYS
0.04
V
UVP blanking time
tBL_UVP
35
55
75
µs
FB start GM3 (5)
VFB_SGM3
2.56
2.6
2.64
V
FB start GM2 (5)
VFB_SGM2
2.36
2.4
2.44
V
OVP trigger threshold
VFB_OVP
2.66
2.7
2.73
V
OVP hysteresis
VFB_OVP_HYS
0.08
V
OVP blanking time
tBL_OVP
15
22
32
µs
Protection current for an
FB open fault
IFB_BIAS
VFB = 2V
20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com