Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 15Page - Monolithic Power Systems MP44019GS Datasheet HTML 16Page - Monolithic Power Systems MP44019GS Datasheet HTML 17Page - Monolithic Power Systems MP44019GS Datasheet HTML 18Page - Monolithic Power Systems MP44019GS Datasheet HTML 19Page - Monolithic Power Systems MP44019GS Datasheet HTML 20Page - Monolithic Power Systems MP44019GS Datasheet HTML 21Page - Monolithic Power Systems MP44019GS Datasheet HTML 22Page - Monolithic Power Systems MP44019GS Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
19
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
An LEB time (tOCL_LEB) of 300ns is applied during
OCL to avoid mistriggering OCL due to a spike
current raised by discharging the drain-source
capacitor of the MOSFET.
CS
LEB Time =
300ns
0.5V
+
-
OCL
Gate
0.75V
+
-
LEB Time =
250ns
R
S Q
Consecutive
Count = 3
OCP
OCP
Timer =
80ms
UVLO
OCP
Figure 12: OCL and OCP
Over-Current Protection (OCP)
A second over-current protection (OCP) is also
integrated in the CS pin with a shorter LEB time
(tOCP_LEB) of 250ns. If the CS voltage exceeds
VOCP (typically 0.75V) for two consecutive 180µs
restart switching cycles, the OCP flag is
triggered, and the IC stops switching. OCP is
reset by an auto-recovery timer (tOCP_R) of 80ms,
as well as the following events: brownin,
brownout, and VCC UVLO. OCP only protects the
device from certain faults, such as an inductor
short or a bypass diode short.
Under-Voltage Protection (UVP) and Over-
Voltage Protection (OVP)
The scaled-down voltage is connected to FB,
which is the input of the under-voltage protection
(UVP)
and
over-voltage
protection
(OVP)
comparators, as well as the error amplifier.
Figure 13 shows that if the FB voltage (VFB)
exceeds the OVP trigger threshold (typically
2.7V), the OVP comparator shuts down the
output of the gate drive circuit after a blanking
time (tBL_OVP) of 22µs. Switching resumes when
VFB drops to 2.62V.
The UVP comparator shuts down if VFB drops
below 0.36V for a blanking time (tBL_UVP) of 55µs.
The UVP comparator
’s hysteresis is 40mV.
If UVP is triggered, COMP is discharged to zero,
and the
device’s supply current is reduced to a
minimum.
The UVP function can disable switching if FB is
open, or if the FB feedback loop is open.
The UVP and OVP comparators values are
described below:
 OVP: V
FB rises above 108% of VREF. Normal
operation resumes when VFB drops below
104% of VREF.
 UVP: V
FB falls below 12% of VREF. Normal
operation resumes when VFB rises above 16%
of VREF.
Second Over-Voltage Protection (OVP2)
The scaled-down voltage is connected to the
OVP2 pin. A second over-voltage protection
(OVP2) is used for applications with a high ripple,
or for a redundant protection for open loops on
the
FB pin. The comparator’s threshold for OVP2
is 108% of VREF, with a hysteresis of 4%.
The second OVP comparator shuts down the
output of the gate drive circuit after a blanking
time of tBL_OVP2 (typically 23μs), see Figure 13.
COMP
FB
CZ
RZ
CP
R1
R2
VOUT
2.5V
UVP
GM
OVP
+
-
+
-
0.3V/0.4V
+
-
60mV
120mV
+
-
FAULT
+
-
2.35V/2.05V
UVLO
PFOKc
2R
R
0.8V
1
Burst
Burst
Blanking
22µs
Blanking
55µs
2.7V/2.6V
OVP2
+
-
Blanking
22µs
2.7V/2.6V
OVP2
Figure 13: FB Functional Block
Gate Driver
The IC includes a push-pull gate driver that can
directly drive the MOSFET. The peak source
current is 600mA, and the peak sink current
capability is 1A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com