Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 5Page - Monolithic Power Systems MP44019GS Datasheet HTML 6Page - Monolithic Power Systems MP44019GS Datasheet HTML 7Page - Monolithic Power Systems MP44019GS Datasheet HTML 8Page - Monolithic Power Systems MP44019GS Datasheet HTML 9Page - Monolithic Power Systems MP44019GS Datasheet HTML 10Page - Monolithic Power Systems MP44019GS Datasheet HTML 11Page - Monolithic Power Systems MP44019GS Datasheet HTML 12Page - Monolithic Power Systems MP44019GS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
9
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 85VAC to 265VAC, VOUT = 400V, TA = 25°C, unless otherwise noted.
20
25
30
35
40
45
50
55
60
80
130
180
230
280
V
AC FROM PFC (V)
No-Load Power Loss vs. V
AC
from PFC
100
105
110
115
120
125
130
135
140
145
150
80
130
180
230
280
V
AC FROM PFC+LLC (V)
No-Load Power Loss vs. V
AC
from PFC+LLC
0.85
0.86
0.87
0.88
0.89
0.9
0.91
0.92
0.93
0.94
0.95
0%
20%
40%
60%
80% 100% 120%
LOAD
Efficiency vs. Load
90VAC
115VAC
230VAC
260VAC
0.9
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1
40%
60%
80%
100%
120%
LOAD
Power Factor vs. Load
120VAC
240VAC
2
4
6
8
10
12
14
40%
60%
80%
100%
LOAD
THD vs. Load
120VAC
240VAC
0
5
10
15
20
25
30
35
3
7
11 15 19 23 27 31 35 39
ORDER
Current Harmonics vs. Order
120VAC
230VAC
IEC61000-3-2 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com