Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 13Page - Monolithic Power Systems MP44019GS Datasheet HTML 14Page - Monolithic Power Systems MP44019GS Datasheet HTML 15Page - Monolithic Power Systems MP44019GS Datasheet HTML 16Page - Monolithic Power Systems MP44019GS Datasheet HTML 17Page - Monolithic Power Systems MP44019GS Datasheet HTML 18Page - Monolithic Power Systems MP44019GS Datasheet HTML 19Page - Monolithic Power Systems MP44019GS Datasheet HTML 20Page - Monolithic Power Systems MP44019GS Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
17
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
VCOMPI
22µs
tD
VCOMPI_BOFF
VCOMPI_C2D
Figure 6: Dead Time Extension
The maximum dead time (tDEAD_MAX) is 23µs.
During this time, COMP reaches its minimum
voltage and linearly approaches 0V as the
internal COMP (VCOMPI) reaches its threshold
(VCOMP_C2D, typically 0.38V).
With this control scheme, the system smoothly
alternates between CrM and DCM as the load is
gradually reduced. This means the switching
frequency is automatically reduced for maximum
efficiency. Figure 7 shows how the switching
frequency changes in a line cycle.
VAC = 230V
fSW
(Hz)
25% Load
64%
Load
100% Load
π
θ
Figure 7: Switching Frequency in a Line Cycle
Figure 8 shows the relationship between the
switching frequency and the load.
fSW
(Hz)
VAC = 90V
VAC = 265V
0%
20%
80%
60%
40%
100%
Load
Figure 8: Switching Frequency vs. Load
Burst Mode Operation
Figure 9 shows a burst mode control diagram.
IP
Soft On
COMPI
VOUT
0
393v
IOUT
60mV
OVP
Soft
Off
120mV
430v
400v
383v
Figure 9: Burst Mode Control
Depending on how the COMP voltage indicates
the load information, the device enters DCM.
The device only enters burst mode under certain
loads to improve light-load efficiency and reduce
standby power loss.
As the load decreases, COMP gradually drops.
When VCOMPI drops below VCOMPI_BOFF (typically
60mV), switching stops with five soft-off pulses.
As VCOMPI ramps up to VCOMPI_BON (typically
120mV), switching resumes with five soft-on
pulses. This soft-on/off control avoids abrupt
inductor current changes, and attenuates the
acoustic noise accordingly.
During the burst-off period, the IC shuts down
most of internal block to ensure that the supply
current is below IQ (typically 180µA).
Improved THD
Under heavy loads, the MP44019 works in CrM.
The average input current in one cycle can be
estimated with Equation (4):


AC
AC
IN
ON
EQ1
v
( )
v
( )
I ( )
t
( )
2 L
R
(4)
Where VAC is the RMS of the line voltage,
calculated with Equation (5):

AC
AC
v ( )
2 V
sin( )
(5)
And REQ1 is the equivalent input resistor, which
can be can be calculated with Equation (6):
EQ1
ON
2L
R
t ( )
(6)
Where tON (θ) is the on time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com