Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 18Page - Monolithic Power Systems MP44019GS Datasheet HTML 19Page - Monolithic Power Systems MP44019GS Datasheet HTML 20Page - Monolithic Power Systems MP44019GS Datasheet HTML 21Page - Monolithic Power Systems MP44019GS Datasheet HTML 22Page - Monolithic Power Systems MP44019GS Datasheet HTML 23Page - Monolithic Power Systems MP44019GS Datasheet HTML 24Page - Monolithic Power Systems MP44019GS Datasheet HTML 25Page - Monolithic Power Systems MP44019GS Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
22
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
The capacitor should be chosen so that the hold-
up time satisfies the relationship calculated with
Equation (33):
COUT =
2∙POUT×tHOLDUP
η×(VOUT
2
-VO_HOLDUP
2
)
(33)
Where VOUT is the minimum output voltage under
all normal operating conditions, and VO_HOLDUP is
the required minimum operating output voltage
to supply the downstream DC/DC converter
when the line voltage is shut down. The
maximum voltage at the output is a combination
of the output voltage, output voltage ripple, and
OVP threshold. Therefore, the voltage rating of
the capacitor must exceed this maximum output
voltage under the worst-case conditions.
In this example design, an aluminum electrolytic
capacitor with a specification of 450V/180µF is
recommended.
Control Circuit Design
The VCC Pin
If an external VCC power supply is not used,
initiate start-up by connecting a start-up resistor
to the input AC voltage. As the VCC capacitor
’s
charge rises above the turn-on threshold through
the start-up resistor, the IC begins to work.
The MP44019 requires a minimum 40µA start-up
current when VCC is 9.5V.
The start-up
resistance can be calculated with Equation (34):
RSTARTUP ≤
√2xVAC_MIN-9.5
ISTARTUP
= 2.9MΩ
(34)
Since the start-up resistor causes a voltage drop
between the input AC voltage and the supply
voltage of the chip, use a resistor with a higher
resistance to minimize the power consumption.
The FB Pin
VOUT can be set by connecting resistors to the FB
pin.
Output
voltage
regulation
accuracy
degrades with higher-value resistors due to the
effect of the FB bias current. Ensure that the FB
bias
current
degrades
the
output
voltage
regulation by less than 1%. Calculate the upper
voltage resistor divider value with Equation (35):
RO_UPPER ≤ 1%x
VOUT
IO_BIAS
= 40MΩ
(35)
Considering
the
power
consumption,
it
is
recommended to use three 3.3M
Ω resistors in
series for the FB upper voltage resistor divider.
The lower voltage resistor divider value can be
calculated with Equation (36):
RO_LOWER =
VR
VOUT-VR
xRO_UPPER = 62.3kΩ
(36)
The MAINSIN Pin
The MAINSIN voltage range (as related to the
VAC range) is between 1V and 3.38V. In this case,
a voltage of 85VAC can be set as the brown-in
voltage. The MAINSIN voltage divider can be
calculated with Equation (37):
RI_LOWER
RI_LOWER+RI_UPPER
=
VMAINS_BI
VAC_MIN
=
1
120
(37)
Considering the power consumption, a higher-
value resistor is recommended. In this scenario,
it is recommended to place three 3.3M
Ω
resistors in series for the MAINSIN upper voltage
resistor divider.
The lower voltage resistor divider value can be
calculated with Equation (38):
RI_LOWER =
RI_UPPER
120-1
= 83.2kΩ
(38)
The ZCD/CS Pin
The ZCD/CS pin provides a current-sense
function as well as zero-current detection (ZCD).
Figure 14 shows the ZCD/CS pin connection.
RZCD
RCS
L1
R4
ZCD/CS
DZ
A
Figure 14: ZCD/CS connection
CS is used for OCP and OCL. The current
flowing through the MOSFET should be below
the over-current limit threshold. The current-
sense resistor on the CS pin can be calculated
with Equation (39):
RCS≤
VOCL
2×√2×IAC_MAX
=58mΩ
(39)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com