Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 20Page - Monolithic Power Systems MP44019GS Datasheet HTML 21Page - Monolithic Power Systems MP44019GS Datasheet HTML 22Page - Monolithic Power Systems MP44019GS Datasheet HTML 23Page - Monolithic Power Systems MP44019GS Datasheet HTML 24Page - Monolithic Power Systems MP44019GS Datasheet HTML 25Page - Monolithic Power Systems MP44019GS Datasheet HTML 26Page - Monolithic Power Systems MP44019GS Datasheet HTML 27Page - Monolithic Power Systems MP44019GS Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
24
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
CZ =
1
2πx5xRZ
= 1.1μF
(48)
And CP can be estimated with Equation (49):
CP =
1
2πx50xRZ
= 0.1μF
(49)
For
this
compensation
network,
it
is
recommended for RZ = 30kΩ, CZ = 1µF, and
CP = 220pF
PCB Layout Guidelines
PCB layout is critical for stable operation and
EMI performance, as the device can malfunction
due to noise coupling. For the best results, refer
to Figure 15 and follow the guidelines below:
1. Make power loop 1 and power loop 2 as
small as possible.
2. Do not place the IC in power loop 1 or power
loop 2.
3. Make the areas of high dV/dt junctions (e.g.
the drain of the external primary MOSFET)
as small as possible. Place the IC and control
circuits far away from these areas.
4. Separate the reference ground of the IC and
control signals circuit from the ground of the
power loop. Then connect this signal ground
to the ground of the output capacitor with a
single-point junction.
5. Connect the VCC-to-GND capacitor close to
IC.
6. Connect the FB-to-GND and OVP2-to-GND
capacitors close to the IC.
7. Connect the MAINS-to-GND capacitor close
to the IC. Ensure that the CS wiring does not
cross MAINSIN. Otherwise, the CS noise
may couple to MAINSIN and impact peak
voltage sensing.
8. If the PFC stage is connected to a cascade
DC/DC stage, separate both GNDs with an
output capacitor, so that GND noises do not
interfere with one another.
VOUT
BD1
C1
RIN1
C5
COUT
RZCD
RG
RCS
RO1
Q1
L1
D1
VAC
Cx1
F1
VCC
MP44019
R4
C3
D2
D3
Loop 1
Loop 2
ROV1
ROV2
Figure 15: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com