Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 3Page - Monolithic Power Systems MP44019GS Datasheet HTML 4Page - Monolithic Power Systems MP44019GS Datasheet HTML 5Page - Monolithic Power Systems MP44019GS Datasheet HTML 6Page - Monolithic Power Systems MP44019GS Datasheet HTML 7Page - Monolithic Power Systems MP44019GS Datasheet HTML 8Page - Monolithic Power Systems MP44019GS Datasheet HTML 9Page - Monolithic Power Systems MP44019GS Datasheet HTML 10Page - Monolithic Power Systems MP44019GS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
7
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 20V, TA = TJ = -40°C to +125°C, min and max values are guaranteed by characterization,
typical values are tested under 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Current Sense (ZCD/CS)
Protection current for
ZCD/CS open fault
ICS_BIAS
60
nA
Over-current limit threshold
VOCL
460
500
530
mV
LEB time for OCL
tOCL_LEB
300
ns
Driver delay time
tCS_DELAY
100
ns
Over-current protection
threshold
VOCP
600
750
1000
mV
Voltage difference between
OCP and OCL
VOCP_OCL
100
200
500
mV
LEB time for OCP
tOCP_LEB
250
ns
OCP recovery time
tOCP_R
80
ms
Zero-Current Detection (ZCD/CS)
Upper clamp voltage
VZCD_CLAMP
IZCD = 3mA
7.2
7.8
V
Zero-current sensing
threshold
VZCD_H
VZCD rising
0.6
0.75
0.9
V
VZCD_L
VZCD falling
0.2
0.25
0.3
V
Turn-on delay after ZCD is
detected
tZCD_DELAY
150
ns
ZCD timeout
tZCD_TO
130
180
250
µs
ZCD leading-edge blanking
time (5)
tZCD_LEB
0.3
µs
Minimum off time
tOFF_MINI
1
1.4
1.9
µs
Error Amplifier Output (COMP)
Comp voltage at max on
time (5)
VCOMP_H
3.8
V
Comp voltage at zero on
time (5)
VCOMP_L
0.8
V
Internal COMP voltage
transient from CrM to DCM
(5)
VCOMPI_C2D
0.38
V
Internal COMP voltage to
enter burst-off mode (6)
VCOMPI_BOFF
30
60
90
mV
Internal COMP voltage to
enter burst-on mode
VCOMPI_BON
95
120
150
mV
Burst hysteresis
VBURST_HYS
30
60
95
mV
Soft-off burst pulse counter
(5)
NSOFTOFF
5
Soft-on burst pulse counter
(5)
NSOFTON
5
Maximum dead time
tDEAD_MAX
19
23.5
29
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com