Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP44019GS
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 14Page - Monolithic Power Systems MP44019GS Datasheet HTML 15Page - Monolithic Power Systems MP44019GS Datasheet HTML 16Page - Monolithic Power Systems MP44019GS Datasheet HTML 17Page - Monolithic Power Systems MP44019GS Datasheet HTML 18Page - Monolithic Power Systems MP44019GS Datasheet HTML 19Page - Monolithic Power Systems MP44019GS Datasheet HTML 20Page - Monolithic Power Systems MP44019GS Datasheet HTML 21Page - Monolithic Power Systems MP44019GS Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
18
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Since tON (θ) is generated by an internal ramp
current that is compared to the COMP voltage,
tON (θ) stays constant throughout one AC line
cycle. Meanwhile, REQ behaves like a resistor
load. This means the average input current is
proportional to VAC (θ).
Along with reducing the load, the MP44019
gradually works from CrM to DCM to reduce the
switching loss under light loads.
IL
tON
t
Figure 10: DCM
The average input current in one cycle can be
estimated with Equation (7):

AC
AC
IN
ON
C
EQ2
v
( )
v
( )
I ( )
t
( ) D ( )
2 L
R
(7)
Where REQ2 can be estimated with Equation (8):

EQ2
ON
C
2L
R
t ( ) D ( )
(8)
And DC can be estimated with Equation (9):

ON
OND
C
ON
OND
D
tt
D ( )
t
t
t
(9)
A dedicated, variable on time control circuit is
integrated into the device. tON can be calculated
with Equation (10):
ON
C
t ( )
D ( )
(10)
Where
ε is a constant defined by the internal
parameters.
REQ2
can
be
estimated
with
Equation (11):
EQ2
2L
R
(11)
REQ2 also behaves like a resistor load, and the
input average current is proportional to VAC (θ).
Mains Compensation
The input power for the boost PFC converter can
be calculated with Equation (12):

2
AC
IN
ON
V
Pt
2L
(12)
This means that the AC transient response is
suboptimal due to the square of the mains input
voltage.
The COMP voltage (VCOMP) can be estimated
with Equation (13):
COMP
2
AC
1
V
V
(13)
VCOMP varies between low-line and high-line. For
general designs, the burst mode load is
determined by VCOMP. In high-line, the converter
enters burst mode even under heavy loads. The
audible noise is created accordingly.
To compensate for the mains input voltage
influence, the MP44019 contains a square of VAC
compensation circuits. The AC peak voltage is
sensed at MAINSIN, and is fed to the generation
of the internal ramp current.
The internal COMP voltage can be estimated
with Equation (14):
  
2
MAIN
COMPI
IN
RAMP
K
V
4 L P
K
(14)
Where KMAIN is the voltage divider ratio of
MAINSIN, and KRAMP is equal to tON_LL (typically
24µs/V).
Figure 11 shows the relationship between tON
and COMP.
24µs
2.1µs
tON
MAINSIN =
1V
MAINSIN =
3.38V
VCOMP_L
VCOMP_H
VCOMP
Figure 11: tON vs. COMP
Over-Current Limit (OCL)
Figure 12 shows the block diagram for over-
current limit (OCL) and over-current protection
(OCP). The current is sensed by the CS pin. The
device can limit the current cycle by cycle when
CS exceeds VOCL (0.5V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com