Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 2Page - STMicroelectronics ST7580 Datasheet HTML 3Page - STMicroelectronics ST7580 Datasheet HTML 4Page - STMicroelectronics ST7580 Datasheet HTML 5Page - STMicroelectronics ST7580 Datasheet HTML 6Page - STMicroelectronics ST7580 Datasheet HTML 7Page - STMicroelectronics ST7580 Datasheet HTML 8Page - STMicroelectronics ST7580 Datasheet HTML 9Page - STMicroelectronics ST7580 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Pin connection
ST7580
6/33
DocID022644 Rev 2
Pin description
Table 2. Pin description
Pin
Name
Type
Reset state
Internal
pull-up
Description
1
TXD
Digital output
High-Z
Disabled
UART data out.
External pull-up to VDDIO required
2
RXD
Digital input
High-Z
Disabled UART data in
3
VDDIO
Power
-
-
3.3 V – 5 V I/O supply
4
TRSTN
Digital input
Input
Enabled System JTAG interface reset (active low)
5
TMS
Digital input
Input
Enabled System JTAG interface mode select
6
GND
Power
-
-
Digital ground
7
TCK
Digital input
High-Z
Disabled
System JTAG interface clock.
External pull-up to VDDIO required
8
TDO
Digital output
High-Z
Disabled System JTAG interface data out
9
TDI
Digital input
Input
Enabled System JTAG interface data in
10
RESETN
Digital input
Input
Disabled System reset (active low)
11
VDD
Power
-
-
1.8 V digital supply
12
XIN
Analog
-
-
Crystal oscillator input / external clock input
13
XOUT
Analog
-
-
Crystal oscillator output
(if external clock is supplied on XIN, XOUT must be
left floating)
14
GND
Power
-
-
Digital ground
15
VSSA
Power
-
-
Analog ground
16
VDD_PLL
Power
-
-
1.8 V PLL supply voltage (connect to VDD)
17
VCCA
Power
-
-
5 V analog supply / internal regulator output.
Externally accessible for filtering purposes only.
18
ZC_IN
Analog input
-
-
Zero crossing input
If not used connect to VSSA
19
RX_IN
Analog input
-
-
Reception analog input
20
TX_OUT
Analog output
-
-
Transmission analog output
21
PA_IN+
Analog input
-
-
Power amplifier
Non-inverting input
22
PA_IN-
Analog input
-
-
Power amplifier
Inverting input
23
CL
Analog input
-
-
Current limit sense input
24
VCC
Power
-
-
Power supply
25
VSS
Power
-
-
Power ground
26
PA_OUT
Analog output
-
-
Power amplifier output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com