Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 4Page - STMicroelectronics ST7580 Datasheet HTML 5Page - STMicroelectronics ST7580 Datasheet HTML 6Page - STMicroelectronics ST7580 Datasheet HTML 7Page - STMicroelectronics ST7580 Datasheet HTML 8Page - STMicroelectronics ST7580 Datasheet HTML 9Page - STMicroelectronics ST7580 Datasheet HTML 10Page - STMicroelectronics ST7580 Datasheet HTML 11Page - STMicroelectronics ST7580 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Maximum ratings
ST7580
8/33
DocID022644 Rev 2
3
Maximum ratings
3.1
Absolute maximum ratings
3.2
Thermal data
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min.
Max.
VCC
Power supply voltage
-0.3
20
V
VSSA-GND
Voltage between VSSA and GND
-0.3
0.3
V
VDDIO
I/O supply voltage
-0.3
5.5
V
VI
Digital input voltage
GND-0.3
VDDIO+0.3
V
VO
Digital output voltage
GND-0.3
VDDIO+0.3
V
V(PA_IN)
PA inputs voltage range
VSS-0.3
VCC+0.3
V
V(PA_OUT)
PA_OUT voltage range
VSS-0.3
VCC+0.3
V
V(RX_IN)
RX_IN voltage range
-(VCCA+0.3)
VCC+0.3
V
V(ZC_IN)
ZC_IN voltage range
-(VCCA+0.3) VCCA+0.3
V
V(TX_OUT, CL) TX_OUT, CL voltage range
VSSA-0.3
VCCA+0.3
V
V(XIN)
XIN voltage range
GND-0.3
VDDIO+0.3
V
I(PA_OUT)
Power amplifier output non-repetitive pulse
current
5
A peak
I(PA_OUT)
Power amplifier output non-repetitive RMS
current
1.4
A RMS
Tamb
Operating ambient temperature
-40
105
ºC
Tstg
Storage temperature
-50
150
ºC
V(ESD)
Maximum withstanding voltage range
Test condition: CDF-AEC-Q100-002 “human
body model” acceptance criteria: “normal
performance”
-2
+2
kV
Table 5. Thermal characteristics
Symbol
Parameter
Value
Unit
RthJA1
Maximum thermal resistance junction ambient steady-state(1)
1.
Mounted on a 2-side + vias PCB with a ground dissipating area on the bottom side.
50
°C/W
RthJA2
Maximum thermal resistance junction ambient steady-state(2)
2.
Same conditions as in note 1, with maximum transmission duration limited to 100 s.
42
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com