Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 12Page - STMicroelectronics ST7580 Datasheet HTML 13Page - STMicroelectronics ST7580 Datasheet HTML 14Page - STMicroelectronics ST7580 Datasheet HTML 15Page - STMicroelectronics ST7580 Datasheet HTML 16Page - STMicroelectronics ST7580 Datasheet HTML 17Page - STMicroelectronics ST7580 Datasheet HTML 18Page - STMicroelectronics ST7580 Datasheet HTML 19Page - STMicroelectronics ST7580 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Analog front-end (AFE)
ST7580
16/33
DocID022644 Rev 2
5.2
Transmission path
Figure 6 shows the transmission path block diagram. It is mainly based on a digital to analog
converter (DAC), capable of generating a linear signal up to its full scale output. A gain
control block before the DAC gives the possibility to scale down the output signal to match
the desired transmission level.
Figure 6. Transmission path block diagram
The amplitude of the transmitted signal can be set on a 32-step logarithmic scale via the
TX_GAIN parameter, introducing an attenuation ranging from 0 dB (typ.), corresponding to
the TX_OUT full range, down to -31 dB (typ.).
The signal level set by the TX_GAIN parameter can be calculated using the following
formula:
Equation 1 output attenuation A [dB] vs. TX GAIN
5.3
Power amplifier
The integrated power amplifier is characterized by very high linearity, required to comply
with the different international regulations (CENELEC, FCC, etc.) limiting the spurious
conducted emissions on the mains, and a current capability of I(PA_OUT) MAX that allows
the amplifier to drive even very low impedance points of the network.
All pins of the power amplifier are accessible, making it possible to build an active filter
network to increase the linearity of the output signal.
AM02506v1
TX AFE
DAC
Gain
Control
TX_OUT
TX_GAIN
BPF
BPF
 
TOL
GAIN
_
TX
31
GAIN
_
TX
dB
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com