Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 4 Page - STMicroelectronics

  ST7580 Datasheet HTML 1Page - STMicroelectronics ST7580 Datasheet HTML 2Page - STMicroelectronics ST7580 Datasheet HTML 3Page - STMicroelectronics ST7580 Datasheet HTML 4Page - STMicroelectronics ST7580 Datasheet HTML 5Page - STMicroelectronics ST7580 Datasheet HTML 6Page - STMicroelectronics ST7580 Datasheet HTML 7Page - STMicroelectronics ST7580 Datasheet HTML 8Page - STMicroelectronics ST7580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Device overview
ST7580
4/33
DocID022644 Rev 2
1
Device overview
Made using multi-power technology with state-of-the-art VLSI CMOS lithography, the
ST7580 is based on dual digital core architecture (a PHY processor engine and a protocol
controller core) to guarantee outstanding communication performance with a high level of
flexibility for either open standards or customized implementations.
A HW 128-bit AES encryption block with customizable key management is available on chip
when secure communication is requested.
The on-chip analog front-end featuring analog to digital and digital to analog conversion,
automatic gain control, plus the integrated power amplifier delivering up to 1 A RMS output
current makes the ST7580 a unique system-on-chip for power line communication.
Line coupling network design is also simplified, leading to a very low cost BOM.
Robust and performing operations are guaranteed while keeping power consumption and
signal distortion levels very low; this makes the ST7580 an ideal platform for the most
stringent application requirements and regulatory standards compliance.
Figure 1. Block diagram
AM02502v1
WATCHDOG
TIMERS
Power Management
ADC
PGA
DAC
GAIN
CTRL
DDS
Zero Crossing
Detection
Line Driver
Thermal
Management
Clock Management
Protocol
Controller
TX AFE
PHY processor
BPF
BPF
Output Current
Control
SPI0/UART
ADC
-
+
RX AFE
TX_OUT
RX_IN
PA_OUT
PA_IN-
PA_IN+
VCC
(8-18V)
CL
VDD
(1.8V)
ZC_IN
VDD_PLL
(1.8V)
XIN
VCCA
(5V)
T_REQ
RXD
TXD
BR0
BR1
VDDIO
(5 / 3.3V)
ON-CHIP
Memories
ON-CHIP
Memories
128bit
AES
PL_RX_ON
PL_TX_ON
XOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com