Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 25Page - STMicroelectronics ST7580 Datasheet HTML 26Page - STMicroelectronics ST7580 Datasheet HTML 27Page - STMicroelectronics ST7580 Datasheet HTML 28Page - STMicroelectronics ST7580 Datasheet HTML 29Page - STMicroelectronics ST7580 Datasheet HTML 30Page - STMicroelectronics ST7580 Datasheet HTML 31Page - STMicroelectronics ST7580 Datasheet HTML 32Page - STMicroelectronics ST7580 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID022644 Rev 2
29/33
ST7580
Data link layer
33
10
Data link layer
The data link layer implemented in the ST7580 provides some basic services:
Encapsulation of user payloads into frames and frame delimitation
Error detection and canceling of corrupted frames
Sniffer functionality for corrupted frames
Encryption and authentication based on AES 128-bit algorithm
Traffic statistics.
10.1
Data link frame
Figure 14
shows the data link frame structure:
Figure 14. Data link frame structure (length in bytes)
The meaning of each field is as follows:
Length: length in bytes of the payload and CRC fields
Payload: information bytes
CRC: CRC check. Its length, endianness and the fields involved in the calculation
(length and payload, or payload only) can be chosen by the external host.
10.2
Error detection and sniffer mode
The ST7580 data link layer uses a CRC code for error detection. The data link layer
computes the CRC field and builds the frames for transmitting frames.
When receiving, it computes a CRC on the received data and compares it against the
received CRC: it accepts the incoming frame only if the two values are equal. A further
feature of reception configuration is the sniffer flag: if activated, the ST7580 notifies the host
about frames received with wrong CRC also.
10.3
Security services
The ST7580 is able to encrypt / decrypt frames (on DL payload) through algorithms based
on AES with 128-bit keys. A dedicated key that can be read and written by the external host
is used for both transmitting and receiving frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com