Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 18Page - STMicroelectronics ST7580 Datasheet HTML 19Page - STMicroelectronics ST7580 Datasheet HTML 20Page - STMicroelectronics ST7580 Datasheet HTML 21Page - STMicroelectronics ST7580 Datasheet HTML 22Page - STMicroelectronics ST7580 Datasheet HTML 23Page - STMicroelectronics ST7580 Datasheet HTML 24Page - STMicroelectronics ST7580 Datasheet HTML 25Page - STMicroelectronics ST7580 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Clock management
ST7580
22/33
DocID022644 Rev 2
7
Clock management
The main clock source is an 8 MHz crystal connected to the internal oscillator through the
XIN and XOUT pins. Both XIN and XOUT pins have a 32 pF integrated capacitor, in order to
drive a crystal having a load capacitance of 16 pF with no additional components.
Alternatively, an 8 MHz external clock can be directly supplied to the XIN pin, leaving XOUT
floating.
A PLL internally connected to the output of the oscillator generates the fCLK_PHY, required by
the PHY processor block engine. fCLK_PHY is then divided by two to obtain fCLK_PROTOCOL,
required by the protocol controller.
8
Functional overview
The ST7580 provides a complete physical layer (PHY) to the external host and some data
link layer (DL) services for power line communication. It is mainly developed for smart
metering applications in CENELEC A band, but suitable also for other command and control
applications and remote load management in CENELEC B and D band.
A UART host interface is available for communication with an external host, exporting all the
functions and services required to configure and control the device and its protocol stack.
The embedded PHY layer, hosted in the PHY processor, implements two different
modulation schemes: a B-FSK modulation up to 9.6 kbps and a multi-mode PSK modulation
with channel quality estimation, dual channel receiving mode, and convolutional coding,
delivering a throughput up to 28.8 kbps.
The embedded DL layer hosted in the protocol controller offers framing and error correction
services.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com