Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 14Page - STMicroelectronics ST7580 Datasheet HTML 15Page - STMicroelectronics ST7580 Datasheet HTML 16Page - STMicroelectronics ST7580 Datasheet HTML 17Page - STMicroelectronics ST7580 Datasheet HTML 18Page - STMicroelectronics ST7580 Datasheet HTML 19Page - STMicroelectronics ST7580 Datasheet HTML 20Page - STMicroelectronics ST7580 Datasheet HTML 21Page - STMicroelectronics ST7580 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Analog front-end (AFE)
ST7580
18/33
DocID022644 Rev 2
The CL_SEL pin can be used to switch automatically the RCL resistor value according to
the used modulation. If FSK modulation is selected, CL_SEL is forced to GND, while if PSK
modulation is selected, CL_SEL is in high impedance state.
5.5
Thermal shutdown and temperature control
The ST7580 performs an automatic shutdown of the power amplifier circuitry when the
internal temperature exceeds T_TH4. After a thermal shutdown event, the temperature must
go below T_TH3 before the ST7580 power amplifier comes back into operation.
Moreover, a digital thermometer is embedded to identify the internal temperature in four
zones, as indicated in Table 9.
Table 9. Temperature zones
5.6
Zero crossing comparator
The ST7580 device embeds an analog comparator with hysteresis, used for optional zero
crossing detection and synchronization. It requires a bipolar (ac) analog input signal,
synchronous to the mains voltage.
Temperature zone
Temperature value
1
T < T_TH1
2T_TH1 < T < T_TH2
3T_TH2 < T < T_TH3
4
T > T_TH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com