Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 6Page - STMicroelectronics ST7580 Datasheet HTML 7Page - STMicroelectronics ST7580 Datasheet HTML 8Page - STMicroelectronics ST7580 Datasheet HTML 9Page - STMicroelectronics ST7580 Datasheet HTML 10Page - STMicroelectronics ST7580 Datasheet HTML 11Page - STMicroelectronics ST7580 Datasheet HTML 12Page - STMicroelectronics ST7580 Datasheet HTML 13Page - STMicroelectronics ST7580 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Analog front-end
Power amplifier
V(PA_OUT) BIAS Power amplifier output bias voltage - Rx mode
VCC/2
V
GBWP
Power amplifier gain-bandwidth product
100
MHz
I(PA_OUT) MAX
Power amplifier maximum output current
1000
mA
rms
V(PA_OUT) TOL
Power amplifier output tolerance(2)
VCC = 18 V,
V(PA_OUT) = 14 V p-p (typ.),
V(PA_OUT) BIAS = VCC/2,
RLOAD=50
- see Figure 3
-3%
+3%
V(PA_OUT) HD2
Power amplifier output 2nd harmonic distortion
-70
-63
dBc
V(PA_OUT) HD3
Power amplifier output 3rd harmonic distortion
-66
-63
dBc
V(PA_OUT) THD Power amplifier output total harmonic distortion
0.1
0.15
%
C(PA_IN)
Power amplifier input capacitance
PA_IN+ vs. VSS(3)
10
pF
PA_IN- vs. VSS(3)
10
pF
PSRR
Power supply rejection ratio
50 Hz
100
dB
1 kHz
93
dB
100 kHz
70
dB
CL_TH
Current sense high threshold on CL pin
2.25
2.35
2.4
V
CL_RATIO
Ratio between PA_OUT and CL output current
80
Transmitter
V(TX_OUT) BIAS Transmitter output bias voltage - Rx mode
VCCA/2
V
V(TX_OUT) MAX Transmitter output maximum voltage swing
TX_GAIN = 31, no load
4.8
4.95
VCCA
V p-p
TX_GAIN
Transmitter output digital gain range
0
31
TX_GAIN TOL
Transmitter output digital gain tolerance
-0.35
0.35
dB
R(TX_OUT)
Transmitter output resistance
1k
V(TX_OUT) HD2 Transmitter output 2nd harmonic distortion
V(TX_OUT) = V(TX_OUT) max. no
load, T = 25 °C
-72
-67
dBc
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com