Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 13Page - STMicroelectronics ST7580 Datasheet HTML 14Page - STMicroelectronics ST7580 Datasheet HTML 15Page - STMicroelectronics ST7580 Datasheet HTML 16Page - STMicroelectronics ST7580 Datasheet HTML 17Page - STMicroelectronics ST7580 Datasheet HTML 18Page - STMicroelectronics ST7580 Datasheet HTML 19Page - STMicroelectronics ST7580 Datasheet HTML 20Page - STMicroelectronics ST7580 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID022644 Rev 2
17/33
ST7580
Analog front-end (AFE)
33
5.4
Current and voltage control
The power amplifier output current sensing is performed by mirroring a fraction of the output
current and making it flow through a resistor RCL connected between the CL pin and VSS.
The following relationship can be established between V(CL) and I(PA_OUT):
Equation 2 V(CL) vs. I(PA_OUT)
The voltage level V(CL) is compared with the internal threshold CL_TH. When the V(CL)
exceeds the CL_TH level, the V(TX_OUT) voltage is decreased by one TX_GAIN step at
a time until V(CL) goes below the CL_TH threshold.
The current sense circuit is depicted in Figure 7.
Figure 7. PA_OUT current sense circuit
The RCL value to get the desired output current limit I(PA_OUT)LIM can be calculated as
follows:
Equation 3 RCL calculation
Note that I(PA_OUT)LIM is expressed as peak current, so the corresponding RMS current is
calculated according to the transmitted signal waveform. As FSK and PSK modulations
have different crest factor values, different RCL values are required for the two modulations.
The RCL values, to get 1 A RMS output current limit, calculated with typical values for
CL_TH and CL_RATIO parameters, are indicated in Table 8.
Table 8. CL resistor typical values
Parameter
Description
Value
Unit
RCL
Resistor value for I(PA_OUT) max. = 1 A RMS = 1.41 A pk (FSK
mode)
133
Resistor value for I(PA_OUT) max. = 1 A RMS = 2 A pk (PSK mode)
94

RATIO
_
CL
OUT
_
PA
I
R
CL
V
CL 
AM02507v1
PA
CL
VCC
CL
I(CL) = I(PA_OUT)/CL_RATIO
PA
I(PA_OUT)
R

RATIO
_
CL
/
OUT
_
PA
I
TH
_
CL
R
LIM
CL 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com