Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
D =
VOUT + VD + VDCR
VIN + VD + VDCR - VSW
D =
VOUT + VD
VIN + VD - VSW
K =
POUT
POUT + PLOSS
K =
POUT
PIN
x R2
R1 =
VREF
VOUT
- 1
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
capacitances in the inductor to the output. A ceramic capacitor will bypass this noise while a tantalum will not.
Because the output capacitor is one of the two external components that control the stability of the regulator
control loop, most applications will require a minimum of 22 µF of output capacitance. Capacitance often, but not
always, can be increased significantly with little detriment to the regulator stability. Like the input capacitor,
recommended multilayer ceramic capacitors are X7R or X5R types.
8.2.1.2.4
Catch Diode
The catch diode (D1) conducts during the switch off-time. A Schottky diode is recommended for its fast switching
times and low forward voltage drop. The catch diode should be chosen so that its current rating is greater than:
ID1 = IOUT × (1-D)
(11)
The reverse breakdown rating of the diode must be at least the maximum input voltage plus appropriate margin.
To improve efficiency, choose a Schottky diode with a low forward voltage drop.
8.2.1.2.5
Output Voltage
The output voltage is set using Equation 12, where R2 is connected between the FB pin and GND, and R1 is
connected between VO and the FB pin. A good value for R2 is 10 kΩ. When designing a unity gain converter (Vo
= 0.6 V), R1 should be between 0
Ω and 100 Ω, and R2 should be equal or greater than 10 kΩ.
(12)
VREF = 0.60 V
(13)
8.2.1.2.6
Calculating Efficiency, and Junction Temperature
The complete LM2830 DC-DC converter efficiency can be calculated in the following manner.
(14)
Or
(15)
Calculations for determining the most significant power losses are shown below. Other losses totaling less than
2% are not discussed.
Power loss (PLOSS) is the sum of two basic types of losses in the converter: switching and conduction.
Conduction losses usually dominate at higher output loads, whereas switching losses remain relatively fixed and
dominate at lower output loads. The first step in determining the losses is to calculate the duty cycle (D):
(16)
VSW is the voltage drop across the internal PFET when it is on, and is equal to:
VSW = IOUT × RDSON
(17)
VD is the forward voltage drop across the Schottky catch diode. It can be obtained from the diode manufacturer's
Electrical Characteristics section. If the voltage drop across the inductor (VDCR) is accounted for, the equation
becomes:
(18)
The conduction losses in the free-wheeling Schottky diode are calculated as follows:
PDIODE = VD × IOUT × (1-D)
(19)
Often this is the single most significant power loss in the circuit. Care should be taken to choose a Schottky
diode that has a low forward voltage drop.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com