Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
LM2830
R2
R1
C2
VO = 1.2V @ 1.0A
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The device operates with input voltage in the range of 3.3 V to 5.5 V and provide regulated output voltage up to
1 A of continuous DC load. This device is optimized for high efficiency operation with minimum number of
external components. Also, high switching frequency allows use of small surface-mount components enabling
very small solution size. For component selection, see Detailed Design Procedure.
8.2 Typical Applications
8.2.1 LM2830X Design Vo = 1.2 V at 1.0A
Figure 19. LM2830X (1.6 MHz): Vin = 5 V, Vo = 1.2 V at 1.0-A Schematic
8.2.1.1 Design Requirements
This device must be able to operate at any voltage within input voltage range.
Load Current must be defined to properly size the inductor, input and output capacitors. Inductor should be able
to handle full expected load current as well as the peak current generated during load transients and start up.
Inrush current at startup will depend on the output capacitor selection. More details are provided in Detailed
Design Procedure.
Device has an enable (EN) pin that is used to enable and disable the device. This pin is active high and should
not be left floating in application.
8.2.1.2 Detailed Design Procedure
Table 1. Bill of Materials
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
1.0-A Buck Regulator
TI
LM2830X
C1, Input Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3 Vf Schottky 1.5 A, 30 VR
TOSHIBA
CRS08
12
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com