Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (
oC)
1500
1550
1600
1650
1700
1750
1800
1850
1900
1950
2000
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (ºC)
1.36
1.41
1.46
1.51
1.56
1.61
1.66
1.71
1.76
1.81
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (ºC)
2.55
2.65
2.75
2.85
2.95
3.05
3.15
3.25
3.35
3.45
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
Typical Characteristics (continued)
All curves taken at VIN = 5.0 V with configuration in typical application circuit shown in Application Information section of this
data sheet. TJ = 25°C, unless otherwise specified.
Figure 8. Oscillator Frequency vs Temperature - "Z"
Figure 7. Oscillator Frequency vs Temperature - "X"
Figure 10. RDSON vs Temperature (WSON Package)
Figure 9. Current Limit vs Temperature Vin = 3.3 V
Figure 11. RDSON vs Temperature (SOT-23 Package)
Figure 12. LM2830X IQ (Quiescent Current)
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com